Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0663A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C0663A
Description  COMPUTER CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C0663A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C0663A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATA SHEET
Part Number:
C0663A
Revision Level:
01
Date:
April 16, 2001
25P 22 7/30 TC SR-PVC OAS PVC
COMPUTER CABLE
A.
CONSTRUCTION
DIAMETERS
1)
CONDUCTOR:
#22 AWG 7/30 Tinned Copper
0.030” nom.
2)
INSULATION:
0.010” Wall Semi Rigid Polyvinyl Chloride
0.050” nom.
3)
COLOR CODE:
1.
Black-Red
2.
Black-White
3.
Black-Green
4.
Black-Blue
5.
Black-Yellow
6.
Black-Brown
7.
Black-Orange
8.
Red-White
9.
Red-Green
10. Red-Blue
11. Red-Yellow
12. Red-Brown
13. Red-Orange
14. White-Green
15. Blue-Green
16. Yellow-Green
17. Brown-Green
18. Orange-Green
19. White-Blue
20. White-Yellow
21. White-Brown
22. White-Orange
23. Yellow-Blue
24. Blue-Brown
25. Orange-Blue
4)
TWIN:
50 Conductors into 25 Pairs @ 2" LHL
0.100" nom.
5)
CABLE:
25 Pairs @ 7.00” LHL with aluminum/polypropylene
(foil out)
0.475” nom.
6)
BRAID:
Tinned Copper Braid
65% Nom. Coverage
0.504" nom.
7)
JACKET:
0.058” Wall Polyvinyl Chloride – Gray
0.620” +/- 0.031”
8)
PRINT LEGEND:
CAROL (R) 22 AWG 75C E111240-8 CM(UL)C(UL) - - - AWM STYLE
2464 --- CSA LL69381 CMG - - MADE IN USA (DATE CODE)
B.
INDUSTRY APPROVALS
National Electrical Code
Article 800
UL Standard 444
Type CM(UL)C(UL)
UL Subject 758
AWM Style 2464
CSA International
Type CMG
C.
ELECTRICAL PROPERTIES
1)
TEMPERATURE:
75 C
2)
SUGGESTED WORKING VOLTAGE (Vrms):
300Vrms
3)
CONDUCTOR D.C. RESISTANCE:
16.6 Ohms/1000 ft. nom. @ 20 C
4)
SHIELD RESISTANCE:
2.1 Ohms/1000 ft. nom. @ 20 C
5)
MUTUAL CAPACITANCE:
26 Pf/ft. @ 1kHz nom.
6)
GROUND CAPACITANCE:
46 Pf/ft. @ 1kHz nom.
7)
CHARACTERISTIC IMPEDANCE:
76 Ohms @ 1 MHz nom.
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C0663A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C066 KEMET-C066 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
General Cable Technolog...
C0660A GENERAL-C0660A Datasheet
81Kb / 1P
COMPUTER CABLE
logo
Kemet Corporation
C066G KEMET-C066G Datasheet
580Kb / 40P
MILITARY SPECIFCATIONS ON BACK
C066G102B1C0G5CA KEMET-C066G102B1C0G5CA Datasheet
1Mb / 23P
CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
C066G102B1C0G5CM KEMET-C066G102B1C0G5CM Datasheet
1Mb / 23P
CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
More results

Similar Description - C0663A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0515A GENERAL-C0515A Datasheet
75Kb / 1P
Computer Cable
C0601A GENERAL-C0601A Datasheet
81Kb / 1P
COMPUTER CABLE
C0604A GENERAL-C0604A Datasheet
81Kb / 1P
COMPUTER CABLE
C0620A GENERAL-C0620A Datasheet
81Kb / 1P
COMPUTER CABLE
C0621A GENERAL-C0621A Datasheet
81Kb / 1P
COMPUTER CABLE
C0630A GENERAL-C0630A Datasheet
81Kb / 1P
COMPUTER CABLE
C0724A GENERAL-C0724A Datasheet
81Kb / 1P
COMPUTER CABLE
C0726A GENERAL-C0726A Datasheet
81Kb / 1P
COMPUTER CABLE
C0741A GENERAL-C0741A Datasheet
73Kb / 1P
COMPUTER CABLE
C0748A GENERAL-C0748A Datasheet
75Kb / 1P
COMPUTER CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com