Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3000MODR Datasheet(PDF) 3 Page - Texas Instruments

Part # CC3000MODR
Description  TI SimpleLink CC3000 Module . Wi-Fi 802.11b/g Network Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3000MODR Datasheet(HTML) 3 Page - Texas Instruments

  CC3000MODR Datasheet HTML 1Page - Texas Instruments CC3000MODR Datasheet HTML 2Page - Texas Instruments CC3000MODR Datasheet HTML 3Page - Texas Instruments CC3000MODR Datasheet HTML 4Page - Texas Instruments CC3000MODR Datasheet HTML 5Page - Texas Instruments CC3000MODR Datasheet HTML 6Page - Texas Instruments CC3000MODR Datasheet HTML 7Page - Texas Instruments CC3000MODR Datasheet HTML 8Page - Texas Instruments CC3000MODR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
13.5000
16.3000
0.5000
0.7000
1.2000
0.3000
1.9000
1.9000
2.1000
1.7000
1.9000
2.4000
1.9000
2.1000
1.2000
1.2000
0.7000
1.9000
Unit: mm
36
29
46
43
29
28
40
37
38
41
42
39
19
45
44
18
11
10
PIN-1
SWRS126-002
CC3000MOD
www.ti.com
SWRS126 – NOVEMBER 2012
PACKAGE INFORMATION
Module Outline
For the PCB layout of your applications, TI recommends the footprint shown in Figure 2.
Figure 2. CC3000 Module Footprint and Pinouts
Pin Description
Table 1 describes the CC3000 module pins.
Table 1. CC3000 Module Pins Description
Pin
Signal Name
Type
State at
State After
Voltage Level
Description
Reset
Reset
1
GND
GND
—
—
—
Ground
2
Reserved_1
—
—
—
1.8 V
Reserved. Connect to test point.
3
NC
—
—
—
—
Not connected
4
Reserved_2
—
—
—
1.8 V
Reserved. Connect to test point.
5
WL_EN2(1)
I
Hi-Z
—
—
Mode setting
6
WL_RS232_TX(2)
O
Hi-Z
Force 1
1.8 V
RS232 test-mode signal (1.8-V logic).
Connect to test point. Serial connection
for CC3000 radio tool.
7
WL_EN1
I
Hi-Z
—
—
Mode setting
8
WL_RS232_RX(2)
I
Hi-Z
PU
1.8 V
RS232 test-mode signal (1.8-V logic).
Connect to test point. Serial connection
for CC3000 radio tool.
9
GND
GND
—
—
—
Ground
10
GND
GND
—
—
—
Ground
11
GND
GND
—
—
—
Ground
12
SPI_CS
I
Hi-Z
PU
VIO_HOST
Host interface SPI chip-select (CS)
13
SPI_DOUT
O
Hi-Z
PU
VIO_HOST
Host interface SPI data out
14
SPI_IRQ
O
Hi-Z
Force 1
VIO_HOST
Host interface SPI interrupt
(1)
Connect WL_EN1 to WL_EL2 for proper operation of the module.
(2)
Leave unconnected in function module.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com