Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCC3000MOD Datasheet(PDF) 5 Page - Texas Instruments

Part # XCC3000MOD
Description  TI SimpleLink CC3000 Module . Wi-Fi 802.11b/g Network Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XCC3000MOD Datasheet(HTML) 5 Page - Texas Instruments

  XCC3000MOD Datasheet HTML 1Page - Texas Instruments XCC3000MOD Datasheet HTML 2Page - Texas Instruments XCC3000MOD Datasheet HTML 3Page - Texas Instruments XCC3000MOD Datasheet HTML 4Page - Texas Instruments XCC3000MOD Datasheet HTML 5Page - Texas Instruments XCC3000MOD Datasheet HTML 6Page - Texas Instruments XCC3000MOD Datasheet HTML 7Page - Texas Instruments XCC3000MOD Datasheet HTML 8Page - Texas Instruments XCC3000MOD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CC3000MOD
www.ti.com
SWRS126 – NOVEMBER 2012
ESD PERFORMANCE
Because electrostatic discharge (ESD) can damage this integrated circuit, TI recommends handling all integrated
circuits (ICs) with appropriate precautions. Failure to observe proper handling and installation procedures can
cause damage. ESD damage can range from subtle performance degradation to complete device failure.
Precision ICs can be more susceptible to damage because very small parametric changes can cause devices
not to meet their published specifications.
Table 2 describes the ESD performance.
Table 2. ESD Performance
HDM(1)
CDM(2)
1000 V
500 V
(1)
JEDEC ESD HBM spec JS-001-2012
(2)
JEDEC ESD CDM spec 22C101E
space
MODULE SPECIFICATIONS
Absolute Maximum Ratings
Parameters
Pin
Min
Max
Unit
VBAT_IN
19
–0.5
+6.0
V
VIO_HOST
23
–0.5
+4.6
V
I2C and WL_RS232
27, 28, 29, 30, 6, 8
–0.5
+2.1
V
SPI interface
12, 13, 14, 15, 17
–0.5
+4.6
V
VBAT_SW_EN
26
–0.3
+6.0
V
Storage temperature range
–
–40
+85
°C
Recommended Operating Conditions
Rating
Condition
Sym
Min
Max
Unit
Operating ambient
–20
+70
°C
temperature
VBAT_IN
2.7
4.8
V
VIO_HOST supply voltage
1.8
3.6
V
SPI interface
High-level input voltage
VIO_HOST =
1.8 to 1.95 V
VIH
VIO_HOST x 0.65
V
1.95 to 2.7 V
1.6
2.7 to 3.6 V
2
Low-level input voltage
VIO_HOST =
1.8 to 1.95 V
VIL
VIO_HOST × 0.35
V
1.95 to 2.7 V
0.7
2.7 to 3.6 V
0.8
Input voltage
VI
0
3.6
V
Output voltage
Active state
VO
0
VIO_HOST
V
Input transition rise or fall
△t/△v
5
ns/V
rate
VBAT SW EN
High-level input voltage
VIH
1.1
5.5
V
Low-level input voltage
VIL
0
0.4
V
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com