Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18502KCS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18502KCS
Description  40-V, N-Channel NexFET Power MOSFETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18502KCS Datasheet(HTML) 3 Page - Texas Instruments

  CSD18502KCS Datasheet HTML 1Page - Texas Instruments CSD18502KCS Datasheet HTML 2Page - Texas Instruments CSD18502KCS Datasheet HTML 3Page - Texas Instruments CSD18502KCS Datasheet HTML 4Page - Texas Instruments CSD18502KCS Datasheet HTML 5Page - Texas Instruments CSD18502KCS Datasheet HTML 6Page - Texas Instruments CSD18502KCS Datasheet HTML 7Page - Texas Instruments CSD18502KCS Datasheet HTML 8Page - Texas Instruments CSD18502KCS Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
0
20
40
60
80
100
120
140
160
180
0
0.5
1
1.5
VDS - Drain-to-Source Voltage (V)
VGS =10V
VGS =6.5V
VGS =4.5V
G001
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
CSD18502KCS
www.ti.com
SLPS367A – AUGUST 2012 – REVISED OCTOBER 2012
TYPICAL MOSFET CHARACTERISTICS
(TA = 25°C unless otherwise stated)
Figure 2. Transient Thermal Impedance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 3. Saturation Characteristics
Figure 4. Transfer Characteristics
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD18502KCS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com