Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18503KCS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18503KCS
Description  40-V, N-Channel NexFET Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18503KCS Datasheet(HTML) 4 Page - Texas Instruments

  CSD18503KCS Datasheet HTML 1Page - Texas Instruments CSD18503KCS Datasheet HTML 2Page - Texas Instruments CSD18503KCS Datasheet HTML 3Page - Texas Instruments CSD18503KCS Datasheet HTML 4Page - Texas Instruments CSD18503KCS Datasheet HTML 5Page - Texas Instruments CSD18503KCS Datasheet HTML 6Page - Texas Instruments CSD18503KCS Datasheet HTML 7Page - Texas Instruments CSD18503KCS Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
VGS = 4.5V
VGS = 10V
ID =75A
G001
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 250uA
G001
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 75A
TC = 125ºC Id = 75A
G001
0
2
4
6
8
10
0
5
10
15
20
25
30
Qg - Gate Charge (nC)
ID = 75A
VDS = 20V
G001
10
100
1000
10000
50000
0
10
20
30
40
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
CSD18503KCS
SLPS368 – SEPTEMBER 2012
www.ti.com
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 4. Gate Charge
Figure 5. Capacitance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 6. Threshold Voltage vs. Temperature
Figure 7. On-State Resistance vs. Gate-to-Source Voltage
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 8. Normalized On-State Resistance vs. Temperature
Figure 9. Typical Diode Forward Voltage
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CSD18503KCS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com