Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18533KCS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18533KCS
Description  60-V, N-Channel NexFET Power MOSFETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18533KCS Datasheet(HTML) 2 Page - Texas Instruments

  CSD18533KCS Datasheet HTML 1Page - Texas Instruments CSD18533KCS Datasheet HTML 2Page - Texas Instruments CSD18533KCS Datasheet HTML 3Page - Texas Instruments CSD18533KCS Datasheet HTML 4Page - Texas Instruments CSD18533KCS Datasheet HTML 5Page - Texas Instruments CSD18533KCS Datasheet HTML 6Page - Texas Instruments CSD18533KCS Datasheet HTML 7Page - Texas Instruments CSD18533KCS Datasheet HTML 8Page - Texas Instruments CSD18533KCS Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CSD18533KCS
SLPS362A – SEPTEMBER 2012 – REVISED JANUARY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, ID = 250μA
60
V
IDSS
Drain to Source Leakage Current
VGS = 0V, VDS = 48V
1
μA
IGSS
Gate to Source Leakage Current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250μA
1.5
1.9
2.3
V
VGS = 4.5V, ID = 75A
6.9
9.0
m
RDS(on)
Drain to Source On Resistance
VGS = 10V, ID = 75A
5.0
6.3
m
gfs
Transconductance
VDS = 30V, ID = 75A
150
S
Dynamic Characteristics
Ciss
Input Capacitance
2420
3025
pF
Coss
Output Capacitance
VGS = 0V, VDS = 30V, f = 1MHz
300
375
pF
Crss
Reverse Transfer Capacitance
7
9.1
pF
RG
Series Gate Resistance
1.4
2.8
Qg
Gate Charge Total (4.5V)
14
17
nC
Qg
Gate Charge Total (10V)
28
34
nC
Qgd
Gate Charge Gate to Drain
VDS = 30V, ID = 75A
3.9
nC
Qgs
Gate Charge Gate to Source
9.4
nC
Qg(th)
Gate Charge at Vth
4.6
nC
Qoss
Output Charge
VDS = 30V, VGS = 0V
31
nC
td(on)
Turn On Delay Time
5.7
ns
tr
Rise Time
4.8
ns
VDS = 30V, VGS = 10V,
IDS = 75A, RG = 0Ω
td(off)
Turn Off Delay Time
13
ns
tf
Fall Time
3.2
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 75A, VGS = 0V
0.8
1
V
Qrr
Reverse Recovery Charge
97
nC
VDS= 30V, IF = 75A,
di/dt = 300A/
μs
trr
Reverse Recovery Time
49
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case
0.8
°C/W
RθJA
Thermal Resistance Junction to Ambient
62
°C/W
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: CSD18533KCS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com