Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS13 Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

Part # MS13
Description  SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

MS13 Datasheet(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  MS13 Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD MS13 Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - MS13

ManufacturerPart #DatasheetDescription
logo
EMP-Centauri s.r.o.
MS1310ECP-4 EMP-CENTAURI-MS1310ECP-4 Datasheet
529Kb / 1P
Multiswitch 13in / 10out
MS1310ECU-4 EMP-CENTAURI-MS1310ECU-4 Datasheet
185Kb / 2P
Multiswitch 13in / 10out
MS1310NEU-4 EMP-CENTAURI-MS1310NEU-4 Datasheet
550Kb / 1P
EoC Multiswitch 13in / 10out
MS1312ECP-12 EMP-CENTAURI-MS1312ECP-12 Datasheet
574Kb / 1P
Multiswitch 13in / 12out
MS1313+10ECP-4 EMP-CENTAURI-MS1313+10ECP-4 Datasheet
206Kb / 1P
Cascadable multiswitch 13in / 10out
More results

Similar Description - MS13

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
KABS12 ZSELEC-KABS12 Datasheet
134Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KABS22 ZSELEC-KABS22 Datasheet
140Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KABS32 ZSELEC-KABS32 Datasheet
140Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB12F ZSELEC-KMB12F Datasheet
389Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB12S ZSELEC-KMB12S Datasheet
389Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB32F ZSELEC-KMB32F Datasheet
394Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB32S ZSELEC-KMB32S Datasheet
397Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
TS120S ZSELEC-TS120S Datasheet
135Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
TS220S ZSELEC-TS220S Datasheet
143Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
TS320S ZSELEC-TS320S Datasheet
143Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com