Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25019 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM25019
Description  48V, 100mA Constant On-Time Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25019 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM25019 Datasheet HTML 9Page - Texas Instruments LM25019 Datasheet HTML 10Page - Texas Instruments LM25019 Datasheet HTML 11Page - Texas Instruments LM25019 Datasheet HTML 12Page - Texas Instruments LM25019 Datasheet HTML 13Page - Texas Instruments LM25019 Datasheet HTML 14Page - Texas Instruments LM25019 Datasheet HTML 15Page - Texas Instruments LM25019 Datasheet HTML 16Page - Texas Instruments LM25019 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
+
+
+
+
VIN
BST
RON
RTN
SW
VCC
FB
UVLO
VIN
VOUT1
VOUT2
RFB1
RUV1
RON
COUT1
CBST
D1
CIN
COUT2
RFB2
RUV2
X1
Rr NP
NS
LM25019
CVCC
+
D2
20V-48V
Cr
Cac
NS
VOUT2 = VOUT1 x
NP
- VF
+
+
+
VIN
BST
RON
RTN
SW
VCC
FB
VIN
VOUT
R2
R7
R3
C9
C1
C4
R1
R5
L1
UVLO
C7
LM25019
12V-48V
1
2
3
4
5
6
8
7
(TP4)
+
C5
1 F
0.1 F
127
NŸ
14
NŸ
237
NŸ
GND
(TP1)
(TP2)
UVLO/SD
U1
R6
(TP3)
(TP5)
GND
R4
C6
C8
+
D2
R8
EXP
0
Ÿ
1
NŸ
6.98
NŸ
4.7 F
0
Ÿ
220 H
0.01 F
1 F
3300 pF
0.1 F
46.4
NŸ
(TP6)
SW
LM25019
www.ti.com
SNVS952 – DECEMBER 2012
Figure 16. Final Schematic for 12V to 48V Input, and 10V, 100mA Output Buck Converter
ISOLATED DC-DC CONVERTER USING LM25019
An isolated supply using LM25019 is shown in Figure 17 below. Inductor (L) in a typical buck circuit is replaced
with a coupled inductor (X1). A diode (D1) is used to rectify the voltage on a secondary output. The nominal
voltage at the secondary output (VOUT2) is given by:
(15)
where VF is the forward voltage drop of D1, and NP, NS are the number of turns on the primary and secondary
of coupled inductor X1. For output voltage (VOUT1) above the maximum VCC (8.55V), the VCC pin can be diode
connected to VOUT1 for higher efficiency and low dissipation in the IC. See AN-2292 for a complete isolated bias
design.
Figure 17. Typical Isolated Application Schematic
RIPPLE CONFIGURATION
LM25019 uses Constant-On-Time (COT) control scheme, in which the on-time is terminated by an on-timer, and
the off-time is terminated by the feedback voltage (VFB) falling below the reference voltage (VREF). Therefore, for
stable operation, the feedback voltage must decrease monotonically, in phase with the inductor current during
the off-time. Furthermore, this change in feedback voltage (VFB) during off-time must be large enough to
suppress any noise component present at the feedback node.
Table 1 shows three different methods for generating appropriate voltage ripple at the feedback node. Type 1
and Type 2 ripple circuits couple the ripple at the output of the converter to the feedback node (FB). The output
voltage ripple has two components:
1. Capacitive ripple caused by the inductor current ripple charging/discharging the output capacitor.
2. Resistive ripple caused by the inductor current ripple flowing through the ESR of the output capacitor.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM25019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com