Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT01N Datasheet(PDF) 4 Page - Analog Devices

Part # MAT01N
Description  Matched Monolithic Dual Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT01N Datasheet(HTML) 4 Page - Analog Devices

  MAT01N Datasheet HTML 1Page - Analog Devices MAT01N Datasheet HTML 2Page - Analog Devices MAT01N Datasheet HTML 3Page - Analog Devices MAT01N Datasheet HTML 4Page - Analog Devices MAT01N Datasheet HTML 5Page - Analog Devices MAT01N Datasheet HTML 6Page - Analog Devices MAT01N Datasheet HTML 7Page - Analog Devices MAT01N Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MAT01
–4–
REV. A
ABSOLUTE MAXIMUM RATINGS
1
Collector-Base Voltage (BVCBO)
MAT01AH, GH, N . . . . . . . . . . . . . . . . . . . . . . . . . . . 45 V
Collector-Emitter Voltage (BVCEO)
MAT01AH, GH, N . . . . . . . . . . . . . . . . . . . . . . . . . . . 45 V
Collector-Collector Voltage (BVCC)
MAT01AH, GH, N . . . . . . . . . . . . . . . . . . . . . . . . . . . 45 V
Emitter-Emitter Voltage (BVEE)
MAT01AH, GH, N . . . . . . . . . . . . . . . . . . . . . . . . . . . 45 V
Emitter-Base Voltage (BVEBO)
2
. . . . . . . . . . . . . . . . . . . . . 5 V
Collector Current (IC) . . . . . . . . . . . . . . . . . . . . . . . . . .25 mA
Emitter Current (IE) . . . . . . . . . . . . . . . . . . . . . . . . . . 25 mA
Total Power Dissipation
Case Temperature
≤ 40°C3 . . . . . . . . . . . . . . . . . . . . 1.8 W
Ambient Temperature
≤ 70°C4 . . . . . . . . . . . . . . . 500 mW
Operating Ambient Temperature . . . . . . . . . –55
°C to +125°C
Operating Junction Temperature . . . . . . . . . –55
°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
DICE Junction Temperature . . . . . . . . . . . . –65
°C to +150°C
NOTES
1Absolute maximum ratings apply to both DICE and packaged devices.
2Application of reverse bias voltages in excess of rating shown can result in
degradation of hFE and hFE matching characteristics. Do not attempt to measure
BVEBO greater than the 5 V rating shown.
3Rating applies to applications using heat sinking to control case temperature.
Derate linearity at 16.4 mW/
°C for case temperatures above 40°C.
4Rating applies to applications not using heat sinking; device in free air only. Derate
linearity at 6.3 mW/
°C for ambient temperatures above 70°C.
ORDERING GUIDE
1
VOS max
Temperature
Package
Model
(TA = +25 C)
Range
Option
MAT01AH
2
0.1 mV
–55
°C to +125°C TO-78
MAT01GH
0.5 mV
–55
°C to +125°C TO-78
NOTES
1Burn-in is available on commercial and industrial temperature range parts in
TO-can packages.
2For devices processed in total compliance to MIL-STD-883, add/883 after part
number. Consult factory for 883 data sheet.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the MAT01 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
DICE CHARACTERISTICS
DIE SIZE 0.035
× 0.025 inch, 875 sq. mils
(0.89
× 0.64 mm, 0.58 sq. mm)
1. COLLECTOR (1)
2. BASE (1)
3. EMITTER (1)
5. EMITTER (2)
6. BASE (2)
7. COLLECTOR (2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com