Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT03EH Datasheet(PDF) 3 Page - Analog Devices

Part # MAT03EH
Description  Low Noise, Matched Dual PNP Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT03EH Datasheet(HTML) 3 Page - Analog Devices

  MAT03EH Datasheet HTML 1Page - Analog Devices MAT03EH Datasheet HTML 2Page - Analog Devices MAT03EH Datasheet HTML 3Page - Analog Devices MAT03EH Datasheet HTML 4Page - Analog Devices MAT03EH Datasheet HTML 5Page - Analog Devices MAT03EH Datasheet HTML 6Page - Analog Devices MAT03EH Datasheet HTML 7Page - Analog Devices MAT03EH Datasheet HTML 8Page - Analog Devices MAT03EH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MAT03
–3–
REV. B
MAT03N
Parameter
Symbol
Conditions
Limits
Units
Breakdown Voltage
BVCEO
36
V min
Offset Voltage
VOS
IC = 100
µA, V
CB = 0 V
200
µV max
10
µA ≤ I
C
≤ 1 mA
200
µV max
Current Gain
hFE
IC = 1 mA, VCB = 0 V, –36 V
80
min
IC = 10
µA, V
CB = 0 V, –36 V
60
min
Current Gain Match
∆h
FE
IC = 100
µA, V
CB = 0 V
6
% max
Offset Voltage Change vs. VCB
∆V
OS/∆VCB
VCB1 = 0 V, IC = 100 µA
200
µV max
VCB2 = –36 V
200
µV max
Offset Voltage Change
∆V
OS/
∆I
C
VCB = 0
75
µV max
vs. Collector Current
IC1 = 10 µA, IC2 = 1 mA
75
µV max
Bulk Resistance
rBE
10
µA ≤ I
C
≤ 1 mA
0.75
Ω max
Collector Saturation Voltage
VCE (SAT)
IC = 1 mA, IB = 100
µA
0.1
V max
NOTE:
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
WAFER TEST LIMITS (at 25 C, unless otherwise noted.)
DICE CHARACTERISTICS
SUBSTRATE CAN BE
CONNECTED TO V– OR
FLOATED
1. COLLECTOR (1 )
2. BASE (1 )
3. EMITTER (1 )
4. COLLECTOR (2)
5. BASE (2)
6. EMITTER (2 )
ABSOLUTE MAXIMUM RATINGS
1
Collector-Base Voltage (BVCBO) . . . . . . . . . . . . . . . . . . . . 36 V
Collector-Emitter Voltage (BVCEO) . . . . . . . . . . . . . . . . . . 36 V
Collector-Collector Voltage (BVCC) . . . . . . . . . . . . . . . . . . 36 V
Emitter-Emitter Voltage (BVEE) . . . . . . . . . . . . . . . . . . . . . 36 V
Collector Current (IC) . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Emitter Current (IE) . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Total Power Dissipation
Ambient Temperature
≤ 70°C2 . . . . . . . . . . . . . . . .500 mW
Operating Temperature Range
MAT03A . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
MAT03E/F . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Operating Junction Temperature . . . . . . . . . . –55
°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . +300
°C
Junction Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
NOTES
1Absolute maximum ratings apply to both DICE and packaged devices.
2Rating applies to TO-78 not using a heat sink, and LCC; devices in free air only. For
TO-78, derate linearly at 6.3 mW/
°C above 70°C ambient temperature; for LCC,
derate at 7.8 mW/
°C.
ORDERING GUIDE
1
VOS max
Temperature
Package
Model
(TA = +25 C) Range
Option
MAT03AH
2
100
µV
–55
°C to +125°C
TO-78
MAT03EH
100
µV
–40
°C to +85°C
TO-78
MAT03FH
200
µV
–40
°C to +85°C
TO-78
NOTES
1Burn-in is available on industrial temperature range parts.
2For devices processed in total compliance to MIL-STD-883, add/883 after part
number. Consult factory for 883 data sheet.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the MAT03 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com