Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2802P-R-SA Datasheet(PDF) 1 Page - Emcore Corporation

Part # 2802P-R-SA
Description  10 Channel Singlemode CATV VSB/AM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2802P-R-SA Datasheet(HTML) 1 Page - Emcore Corporation

  2802P-R-SA Datasheet HTML 1Page - Emcore Corporation 2802P-R-SA Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Features
Able to Transmit up to 10 CATV
Channels Over One Singlemode Fiber
Supports Transmission of Sub-Band,
Low-Band, FM, Mid-Band, and High-
Band Channels, Adding Flexibility to the
System.
Built in RF Input Level Indicator Aids in
Commissioning and Troubleshooting the
Link.
Ideal for Use as CATV Return Path Link.
Compatible with Standard Television
Industry Voltages and Impedances.
Ideal for Small Corporate TV Video
Distribution, Campus Media Retrieval
Systems, Tele-Conferencing, and much
more.
The Model 2802 PRO 10 Channel CATV VSB/AM video link offers a state-of-the-art
solution for high-quality CATV transmission. The Model 2802 PRO offers exceptional
analog bandwidth from 5 to 400 MHz allowing transmission of all sub-band, low-band, FM,
mid-band, and high-band channels. This feature allows the system to deliver custom
designed video services. In conjunction with a VCR, camcorder, or CATV feed, the Model
2802 PRO can transmit TV channels and their sound carriers, over a distance of 10 km or
more at 1310 nm over one singlemode fiber. The link is ideal for implementing a CATV
return path link. The link utilizes inputs from standard CATV VSB/AM modulators,
processors, and other ancillary equipment, making the model 2802 PRO link an excellent
plug-and-play system. LED indicators and built-in RF and optical power meters allow for
quick assessment of the link’s status.
10 Channel Singlemode Transmitter and Receiver Part Numbers
Description
Part Number
Stand-Alone Transmitter, 1310 nm,
FC/APC Optical Connector
2802P-T-1310-FA
Stand-Alone Transmitter, 1310 nm,
SC/APC Optical Connector
2802P-T-1310-SA
Stand-Alone Receiver, 1310/1500 nm
FC/APC Optical Connector
2802P-R-FA
Stand-Alone Receiver, 1310/1550 nm
SC/APC Optical Connector
2802P-R-SA
Note: Power Supply Part Number PS095 included.
Accessory Part Numbers
Description
Part Number
Transmitter Stand-Alone Power Supply,
+9 Volts DC
PS095
Receiver Stand-Alone Power Supply,
+9 Volts DC
PS095
Model 2802 PRO
10 Channel Singlemode CATV VSB/AM


Similar Part No. - 2802P-R-SA

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2802P-R-SA EMCORE-2802P-R-SA Datasheet
121Kb / 2P
CATV Transmitter
2802P-R-SA EMCORE-2802P-R-SA Datasheet
179Kb / 2P
2802 PRO 10 Channel Singlemode CATV VSB/AM Video Link
More results

Similar Description - 2802P-R-SA

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GDC21D003 HYNIX-GDC21D003 Datasheet
1Mb / 77P
VSB Receiver
logo
TriQuint Semiconductor
855079 TRIQUINT-855079 Datasheet
28Kb / 1P
44 MHz VSB Filter
logo
Texas Instruments
TVP9900 TI-TVP9900 Datasheet
906Kb / 65P
VSB/QAM Receiver
logo
CML Microcircuits
FX204 CMLMICRO-FX204 Datasheet
451Kb / 10P
VSB Frequency Inverter
FX214 CMLMICRO-FX214 Datasheet
7Mb / 10P
VSB Audio Scrambler
logo
Emcore Corporation
2801P-T-1310-ST EMCORE-2801P-T-1310-ST_12 Datasheet
235Kb / 2P
Multimode CATV VSB/AM
2801P-T-1310-ST EMCORE-2801P-T-1310-ST_13 Datasheet
159Kb / 2P
2801 PRO 5 Channel Multimode CATV VSB/AM Video Link
2802P-T-1310-FA EMCORE-2802P-T-1310-FA_13 Datasheet
179Kb / 2P
2802 PRO 10 Channel Singlemode CATV VSB/AM Video Link
2802 EMCORE-2802_16 Datasheet
88Kb / 2P
CATV VSB/AM Video Link
2801 EMCORE-2801_16 Datasheet
154Kb / 2P
CATV VSB/AM Video Link
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com