Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP184EP Datasheet(PDF) 3 Page - Analog Devices

Part # OP184EP
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP184EP Datasheet(HTML) 3 Page - Analog Devices

  OP184EP Datasheet HTML 1Page - Analog Devices OP184EP Datasheet HTML 2Page - Analog Devices OP184EP Datasheet HTML 3Page - Analog Devices OP184EP Datasheet HTML 4Page - Analog Devices OP184EP Datasheet HTML 5Page - Analog Devices OP184EP Datasheet HTML 6Page - Analog Devices OP184EP Datasheet HTML 7Page - Analog Devices OP184EP Datasheet HTML 8Page - Analog Devices OP184EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage “OP184/284E” Grade
VOS
(Note 1)
65
µV
–40
°C ≤ T
A
≤ +125°C
165
µV
Offset Voltage “OP184/284F” Grade
VOS
125
µV
–40
°C ≤ T
A ≤ +125°C
350
µV
Offset Voltage “OP484E” Grade
VOS
100
µV
–40
°C ≤ T
A
≤ +125°C
200
µV
Offset Voltage “OP484F” Grade
VOS
150
µV
–40
°C ≤ T
A
≤ +125°C
450
µV
Input Bias Current
IB
60
350
nA
–40
°C ≤ T
A ≤ +125°C
575
nA
Input Offset Current
IOS
–40
°C ≤ T
A
≤ +125°C50
nA
Input Voltage Range
0+3
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 3 V
60
dB
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 3 V, –40
°C ≤ T
A
≤ +125°C56
dB
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1.0 mA
+2.85
V
Output Voltage Low
VOL
IL = 1.0 mA
125
mV
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS =
±1.25 V to ±1.75 V
76
dB
Supply Current/Amplifier
ISY
VO = 1.5 V, –40°C ≤ TA ≤ +125°C
1.35
mA
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
3
MHz
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
3.9
nV/
√Hz
NOTES
1Input Offset Voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power.
Specifications subject to change without notice.
REV. 0
–3–
OP184/OP284/OP484
(@ VS = +3.0 V, VCM = 1.5 V, TA = +25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com