Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP484ES Datasheet(PDF) 16 Page - Analog Devices

Part # OP484ES
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484ES Datasheet(HTML) 16 Page - Analog Devices

Back Button OP484ES Datasheet HTML 12Page - Analog Devices OP484ES Datasheet HTML 13Page - Analog Devices OP484ES Datasheet HTML 14Page - Analog Devices OP484ES Datasheet HTML 15Page - Analog Devices OP484ES Datasheet HTML 16Page - Analog Devices OP484ES Datasheet HTML 17Page - Analog Devices OP484ES Datasheet HTML 18Page - Analog Devices OP484ES Datasheet HTML 19Page - Analog Devices OP484ES Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. 0
–16–
OP184/OP284/OP484
Obviously, it is desirable to keep this comparison voltage small,
since it becomes a significant portion of the overall dropout
voltage. Here, the 20 mV reference is higher than the typical
offset of the OP284 but still reasonably low as a percentage of
VOUT (< 0.5%). In adapting the limiter for other ILIMIT levels,
sense resistor RS should be adjusted along with R7-R8, to main-
tain this threshold voltage between 20 mV and 50 mV.
Performance of the circuit is excellent. For the 4.5 V output
version, the measured dc output change for a 225 mA load
change was on the order of a few microvolts while the dropout
voltage at this same current level was about 30 mV. The current
limit as shown is 400 mA, which allows the circuit to be used at
levels up to 300 mA or more. While the Q1 device can actually
support currents of several amperes, a practical current rating
takes into account the SO-8 device’s 2.5 W, 25
°C dissipation.
Because a short circuit current of 400 mA at an input level of 5
V will cause a 2 W dissipation in Q1, other input conditions
should be considered carefully in terms of Q1’s potential over-
heating. Of course, if higher powered devices are used for Q1,
this circuit can support outputs of tens of amperes as well as the
higher VOUT levels noted above.
The circuit shown can be used either as a standard low dropout
regulator, or it can be used with ON/OFF control. By
driving Pin 3 of U1 with the optional logic control signal VC, the
output is switched between ON and OFF. Note that when the
output is OFF in this circuit, it is still active (i.e., not an open cir-
cuit). This is because the OFF state simply reduces the voltage
input to R1, leaving the U1A/B amplifiers and Q1 still active.
When ON/OFF control is used, resistor R10 should be used
with U1 to speed ON-OFF switching and to allow the output of
the circuit to settle to a nominal zero voltage. Components D3
and R11 also aid in speeding up the ON-OFF transition by pro-
viding a dynamic discharge path for C2. OFF-ON transition
time is less than 1 ms, while the ON-OFF transition is longer
but under 10 ms.
A +3 V, 50 Hz/60 Hz Active Notch Filter with False Ground
To process signals in a single-supply system, it is often best
to use a false ground biasing scheme. A circuit that uses this
approach is illustrated in Figure 56. In this circuit, a false-ground
circuit biases an active notch filter used to reject 50 Hz/60 Hz
power line interference in portable patient monitoring equip-
ment. Notch filters are quite commonly used to reject power
line frequency interference that often obscures low frequency
physiological signals, such as heart rates, blood pressure read-
ings, EEGs, EKGs, etc. This notch filter effectively squelches
60 Hz pickup at a filter Q of 0.75. Substituting 3.16 k
Ω resis-
tors for the 2.67 k
Ω in the twin-T section (R1 through R5)
configures the active filter to reject 50 Hz interference.
1
3
5
6
7
11
2
+3V
R1
2.67k
Ω
C1
1µF
C2
1µF
R3
2.67k
Ω
C3
2µF
(1µF x 2)
R4
2.67k
Ω
R5
1.33k
Ω
(2.67k
Ω ÷ 2)
R2
2.67k
Ω
VO
R6
10k
Ω
VIN
R8
1k
Ω
A2
A1
8
A3
R7
1k
Ω
R11
10k
Ω
4
10
9
C5
0.03µF
R12
150
Ω
R10
20k
Ω
C4
1µF
R9
20k
Ω
+3V
1.5V
C6
1µF
A1, A2, A3 = OP484
Q = 0.75
NOTE: FOR 50Hz APPLICATIONS
CHANGE R1–R4 TO 3.1k
Ω
AND R5 TO 1.58k
Ω (3.16kΩ ÷ 2).
Figure 56. A +3 V Single Supply, 50/60 Hz Active Notch
Filter with False Ground
Amplifier A3 is the heart of the false-ground bias circuit. It
simply buffers the voltage developed at R9 and R10 and is the
reference for the active notch filter. Since the OP484 exhibits a
rail-to-rail input common-mode range, R9 and R10 are chosen
to split the +3 V supply symmetrically. An in-the-loop compen-
sation scheme is used around the OP484 that allows the op amp
to drive C6, a 1
µF capacitor, without oscillation. C6 maintains
a low impedance ac ground over the operating frequency range
of the filter.
The filter section uses a OP484 in a twin-T configuration whose
frequency selectivity is very sensitive to the relative matching of
the capacitors and resistors in the twin-T section. Mylar is the
material of choice for the capacitors, and the relative matching
of the capacitors and resistors determines the filter’s pass band
symmetry. Using 1% resistors and 5% capacitors produces
satisfactory results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com