Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CINT1175 Datasheet(PDF) 2 Page - SL Power Electronics

Part # CINT1175
Description  A highly dense 175Watts AC to DC power supply designed for industrial and ITE applications.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1175 Datasheet(HTML) 2 Page - SL Power Electronics

  CINT1175 Datasheet HTML 1Page - SL Power Electronics CINT1175 Datasheet HTML 2Page - SL Power Electronics CINT1175 Datasheet HTML 3Page - SL Power Electronics CINT1175 Datasheet HTML 4Page - SL Power Electronics CINT1175 Datasheet HTML 5Page - SL Power Electronics CINT1175 Datasheet HTML 6Page - SL Power Electronics CINT1175 Datasheet HTML 7Page - SL Power Electronics CINT1175 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CINT1175
175W Single Output
Industrial Series
www.slpower.com
CINT1175 REV 5.4, 17-DEC-12
2
General Specifications (continued)
Input Fuses
F1, F2: 4A, 250Vac fuses provided on all
models
Overload Protection
Hiccup Mode
Earth Leakage
Current
<750μA@264Vac, 60Hz, NC
Short Circuit
Protection
Provided - no damage will occur if the output
is shorted.
Efficiency
90% typical at 115Vac
Overvoltage
Protection
OVP firing reduces output voltage to <50%
of nominal in <50ms. See chart for trip
range.
Output Power
175W continuous, with 200 lfm airflow, 120W
convection cooled – See chart for specific
voltage model ratings.
Switching Frequency
PFC: Fixed, 65kHz
Main Converter: Variable 35-200kHz, 65-
70kHz at full load.
Transient
Response
50% load step.
i/t: <0.2A/μS
Max Volt Deviation = 3%
Isolation
Input-Output:
4000Vac
Input-Ground:
1800Vac
Output-Ground: 1500Vac
Ripple and Noise
See chart
Operating
Temperature
-10°C to +70°C
Start Up at -40°C, full load
Output Voltage
See chart
Temperature
Derating
Derate output power linearly above 50°C to
50% at 70°C
Voltage
Adjustability
+/-5% from nominal
Storage Temperature
-40°C to +85°C
Minimum Load
Not required
Altitude
Operating: -500 to 10,000 ft.
Non-operating: -500 to 40,000 ft.
Total Regulation
+/- 3%. See chart
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g/Hz, 1.5grms overall, 3
axes, 10 min/axis
Non-Operating: 0.026g2/Hz, 5.0grms overall,
3 axes, 1 hr/axis
Shock
Operating: Half-sine, 20gpk, 10ms, 3 axes, 6
shocks total
Non-Operating: Half-sine, 40 gpk, 10 ms, 3
axes, 6 shocks total
Dimensions
W: 2.0” x L: 4.0” x H: 1.3”
Safety Standards
EN/CSA/UL/IEC 60950-1, 2nd Edition
Weight
210g
MTBF
331,105 hours, 175W load, 110Vac input,
25
°C ambient
Auxiliary Signals
AC Power Fail:
During normal operations, stays HIGH. Signal
goes LOW with 5mS warning before loss of
DC output from AC failure.
DC OK:
Open collector logic signal goes and stays HIGH
100mS to 500mS after main output reaches
regulation.
Inhibit:
Connect to inhibit pin to output common to
inhibit the DC output.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com