Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP1177 Datasheet(PDF) 7 Page - Analog Devices

Part # OP1177
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP1177 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP1177 Datasheet HTML 3Page - Analog Devices OP1177 Datasheet HTML 4Page - Analog Devices OP1177 Datasheet HTML 5Page - Analog Devices OP1177 Datasheet HTML 6Page - Analog Devices OP1177 Datasheet HTML 7Page - Analog Devices OP1177 Datasheet HTML 8Page - Analog Devices OP1177 Datasheet HTML 9Page - Analog Devices OP1177 Datasheet HTML 10Page - Analog Devices OP1177 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. B
–7–
OP1177/OP2177/OP4177
VSY = 15V
VOL
TEMPERATURE – C
14.40
14.00
50
150
0
50
100
14.30
14.05
14.25
14.20
14.15
14.10
VOH
14.35
TPC 19. Output Voltage Swing vs.
Temperature
TEMPERATURE – C
123
50
150
0
50
100
127
125
VSY = 15V
128
129
124
126
130
131
132
133
TPC 22. CMRR vs. Temperature
LOAD CURRENT – mA
1.4
0.8
0
0.001
0.01
10
0.1
1
0.4
VSY = 5V
TA = 25 C
0.2
0.6
1.0
SINK
SOURCE
1.2
TPC 25. Output Voltage to
Supply Rail vs. Load Current
TIME FROM POWER SUPPLY TURN-ON – Sec
0
0.5
0
140
20
40
60
80
120
0.1
0.1
VSY = 15V
0.4
0.3
0.2
0.5
0.4
0.3
0.2
100
TPC 20. Warm-Up Drift
TEMPERATURE – C
123
50
150
0
50
100
130
127
VSY = 15V
132
133
125
129
124
126
128
131
TPC 23. PSRR vs. Temperature
VSY = 5V
CL = 0
RL =
60
50
40
30
20
10
0
10
20
FREQUENCY – Hz
45
90
135
180
225
270
0
100k
1M
GAIN
PHASE
10M
TPC 26. Open-Loop Gain and Phase
Shift vs. Frequency
TEMPERATURE – C
0
50
150
0
50
100
12
8
4
VSY = 15V
14
18
2
6
10
16
TPC 21. |VOS| vs. Temperature
40
40
30
20
10
020
30
VSY =
15V
10
INPUT OFFSET VOLTAGE –
V
50
15
0
45
20
10
5
30
25
40
35
VSY =
5V
TPC 24. Input Offset Voltage
Distribution
120
100
80
80
60
40
20
0
20
40
60
FREQUENCY – Hz
1k
10k
100M
100k
AV = 100
1M
10M
VSY = 5V
VIN = 4mV p-p
CL = 0
RL =
AV = 10
AV = 1
TPC 27. Closed-Loop Gain vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com