Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP213 Datasheet(PDF) 3 Page - Analog Devices

Part # OP213
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP213 Datasheet(HTML) 3 Page - Analog Devices

  OP213 Datasheet HTML 1Page - Analog Devices OP213 Datasheet HTML 2Page - Analog Devices OP213 Datasheet HTML 3Page - Analog Devices OP213 Datasheet HTML 4Page - Analog Devices OP213 Datasheet HTML 5Page - Analog Devices OP213 Datasheet HTML 6Page - Analog Devices OP213 Datasheet HTML 7Page - Analog Devices OP213 Datasheet HTML 8Page - Analog Devices OP213 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OP113/OP213/OP413
REV. C
–3–
ELECTRICAL CHARACTERISTICS
“E” Grade
“F” Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP113
125
175
µV
–40
°C ≤ T
A ≤ +85°C
175
250
µV
OP213
150
300
µV
–40
°C ≤ T
A ≤ +85°C
225
375
µV
OP413
175
325
µV
–40
°C ≤ T
A ≤ +85°C
250
400
µV
Input Bias Current
IB
VCM = 0 V, VOUT = 2
300
650
650
nA
–40
°C ≤ T
A ≤ +85°C
750
750
nA
Input Offset Current
IOS
VCM = 0 V, VOUT = 2
–40
°C ≤ T
A ≤ +85°C50
50
nA
Input Voltage Range
VCM
0+4
+4
V
Common-Mode Rejection
CMR
0 V
≤ V
CM ≤ 4 V
93
106
90
dB
0 V
≤ V
CM ≤ 4 V,
–40
°C ≤ T
A ≤ +85°C90
87
dB
Large Signal Voltage Gain
AVO
OP113, OP213, RL = 600 Ω, 2 kΩ
0.01 V
≤ V
OUT ≤ 3.9 V
2
2
V/
µV
OP413, RL = 600, 2 kΩ,
0.01 V
≤ V
OUT ≤ 3.9 V
1
1
V/
µV
Long-Term Offset Voltage1
VOS
Note 1
200
350
µV
Offset Voltage Drift
∆V
OS/∆T
Note 2
0.2
1.0
1.5
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
RL = 600 kΩ
4.0
4.0
V
RL = 100 kΩ, –40°C ≤ TA ≤ +85°C
4.1
4.1
V
RL = 600 Ω, –40°C ≤ TA ≤ +85°C
3.9
3.9
V
Output Voltage Swing Low
VOL
RL = 600 Ω, –40°C ≤ TA ≤ +85°C8
8
mV
RL = 100 kΩ, –40°C ≤ TA ≤ +85°C8
8
mV
Short Circuit Limit
ISC
± 30
± 30
mA
POWER SUPPLY
Supply Current
ISY
VOUT = 2.0 V, No Load
1.6
2.7
2.7
mA
Supply Current
ISY
–40
°C ≤ T
A ≤ +85°C
3.0
3.0
mA
AUDIO PERFORMANCE
THD + Noise
VOUT = 0 dBu, f = 1 kHz
0.001
0.001
%
Voltage Noise Density
en
f = 10 Hz
9
9
nV/
√Hz
f = 1 kHz
4.7
4.7
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.45
0.45
pA/
√Hz
Voltage Noise
en p-p
0.1 Hz to 10 Hz
120
120
nV p-p
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
0.6
0.9
0.6
V/
µs
Gain Bandwidth Product
GBP
3.5
3.5
MHz
Settling Time
tS
to 0.01%, 2 V Step
5.8
5.8
µs
NOTES
1Long-term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at 125
°C, with an LTPD of 1.3.
2Guaranteed specifications, based on characterization data.
Specifications subject to change without notice.
(@ VS = +5.0 V, TA = +25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com