Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP413 Datasheet(PDF) 2 Page - Analog Devices

Part # OP413
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP413 Datasheet(HTML) 2 Page - Analog Devices

  OP413 Datasheet HTML 1Page - Analog Devices OP413 Datasheet HTML 2Page - Analog Devices OP413 Datasheet HTML 3Page - Analog Devices OP413 Datasheet HTML 4Page - Analog Devices OP413 Datasheet HTML 5Page - Analog Devices OP413 Datasheet HTML 6Page - Analog Devices OP413 Datasheet HTML 7Page - Analog Devices OP413 Datasheet HTML 8Page - Analog Devices OP413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
OP113/OP213/OP413–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
“E” Grade
“F” Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP113
75
150
µV
–40
°C ≤ T
A ≤ +85°C
125
225
µV
OP213
100
250
µV
–40
°C ≤ T
A ≤ +85°C
150
325
µV
OP413
125
275
µV
–40
°C ≤ T
A ≤ +85°C
175
350
µV
Input Bias Current
IB
VCM = 0 V,
240
600
600
nA
–40
°C ≤ T
A ≤ +85°C
700
700
nA
Input Offset Current
IOS
VCM = 0 V
–40
°C ≤ T
A ≤ +85°C50
50
nA
Input Voltage Range
VCM
–15
+14
–15
+14
V
Common-Mode Rejection
CMR
–15 V
≤ V
CM ≤ +14 V
100
116
96
dB
–15 V
≤ V
CM ≤ +14 V,
–40
°C ≤ T
A ≤ +85°C
97
116
94
dB
Large Signal Voltage Gain
AVO
OP113, OP213, RL = 600 Ω,
–40
°C ≤ T
A ≤ +85°C
1
2.4
1
V/
µV
OP413, RL = 1 kΩ,
–40
°C ≤ T
A ≤ +85°C
1
2.4
1
V/
µV
RL = 2 kΩ,
–40
°C ≤ T
A ≤ +85°C2
8
2
V/
µV
Long-Term Offset Voltage
1
VOS
Note 1
150
300
µV
Offset Voltage Drift
∆V
OS/∆T
Note 2
0.2
0.8
1.5
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
RL = 2 kΩ
+14
+14
V
RL = 2 kΩ,
–40
°C ≤ T
A ≤ +85°C
+13.9
+13.9
V
Output Voltage Swing Low
VOL
RL = 2 kΩ
–14.5
–14.5
V
RL = 2 kΩ,
–40
°C ≤ T
A ≤ +85°C
–14.5
–14.5
V
Short Circuit Limit
ISC
± 40
± 40
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±2 V to ± 18 V
103
120
100
dB
VS = ±2 V to ± 18 V
–40
°C ≤ T
A ≤ +85°C
100
120
97
dB
Supply Current/Amplifier
ISY
VOUT = 0 V, RL = ∞,
VS = ±18 V
3
3
mA
–40
°C ≤ T
A ≤ +85°C
3.8
3.8
mA
Supply Voltage Range
VS
+4
± 18
+4
± 18
V
AUDIO PERFORMANCE
THD + Noise
VIN = 3 V rms, RL = 2 kΩ
f = 1 kHz,
0.0009
0.0009
%
Voltage Noise Density
en
f = 10 Hz
9
9
nV/
√Hz
f = 1 kHz
4.7
4.7
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.4
0.4
pA/
√Hz
Voltage Noise
en p-p
0.1 Hz to 10 Hz
120
120
nV p-p
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
0.8
1.2
0.8
1.2
V/
µs
Gain Bandwidth Product
GBP
3.4
3.4
MHz
Channel Separation
VOUT = 10 V p-p
RL = 2 kΩ, f = 1 kHz
105
105
dB
Settling Time
tS
to 0.01%, 0 V to 10 V Step
9
9
µs
NOTES
1Long-term offset voltage is guaranteed by a 1000-hour life test performed on three independent lots at 125
°C, with an LTPD of 1.3.
2Guaranteed specifications, based on characterization data.
Specifications subject to change without notice.
REV. C
(@ VS =
15.0 V, TA = +25 C unless otherwise noted)
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com