Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP176GP Datasheet(PDF) 6 Page - Analog Devices

Part # OP176GP
Description  Bipolar/JFET, Audio Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP176GP Datasheet(HTML) 6 Page - Analog Devices

Back Button OP176GP Datasheet HTML 2Page - Analog Devices OP176GP Datasheet HTML 3Page - Analog Devices OP176GP Datasheet HTML 4Page - Analog Devices OP176GP Datasheet HTML 5Page - Analog Devices OP176GP Datasheet HTML 6Page - Analog Devices OP176GP Datasheet HTML 7Page - Analog Devices OP176GP Datasheet HTML 8Page - Analog Devices OP176GP Datasheet HTML 9Page - Analog Devices OP176GP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
OP176
REV. 0
–6–
Figure 16. Gain Bandwidth Product & Phase Margin vs.
Temperature
Figure 13. Common-Mode Rejection vs. Frequency
Figure 14. Small Signal Overshoot vs. Load Capacitance
Figure 17. Slew Rate vs. Load Capacitance
Figure 18. Slew Rate vs. Temperature
Figure 15. Slew Rate vs. Differential Input Voltage
65
45
–75
125
60
50
–50
55
75
100
50
25
0
–25
±V
S
=
±15V
14
6
12
8
10
TEMPERATURE – °C
PHASE
GAIN
50
0
2000
30
10
200
20
0
40
1800
1600
1400
1200
1000
800
600
400
LOAD CAPACITANCE – pF
NEGATIVE SLEW RATE
POSITIVE SLEW RATE
V
S
= ±15V
R
L
= 2k
Ω
SWING = ±10V
SLEW WINDOW = ±5V
T
A
= +25°C
140
100
0
1k
1M
100k
10k
100
120
60
80
20
40
FRERQUENCY – Hz
TA = +25°C
VS = ±15V
100
0
1000
30
10
100
20
0
60
40
50
70
80
90
900
800
700
600
500
400
300
200
±V
S
=
±15V
LOAD CAPACITANCE – pF
NEGATIVE SWING
POSITIVE SWING
ΩR
L
= 2k
Ω
V
IN
= 100mVp-p
AV
CL
= 1
40
0
100
10
5
–25
–50
20
15
25
30
35
75
50
25
0
±V
S
=
±15V
ΩR
L
= 2k
Ω
TEMPERATURE – °C
SR–
SR+
35
0
2.0
15
5
0.4
10
0
30
20
25
1.6
1.2
0.8
DIFFERENTIAL INPUT VOLTAGE – V
SR+ AND SR–
ΩV
S =
±15V
RL = 2kΩ
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com