Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICO820 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PICO820
Description  1 SDIO port
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO820 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO820 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
128
* All specifications and photos are subject to change without notice.
axiomtek.com
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-
boards
Slot
CPU
Cards
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
K/B+M/S
COM
SD
USB x 4
Audio
Ethernet
LVDS
VGA
SATA
DIO
+5V power input
Audio
COM 1/2
K/B+M/S
SDIO
USB 1/2/3/4
DDR2
SO-DIMM
CF type-II
PICO820
Intel
® Atom™ Z510/ Z530 Pico-ITX SBC
with VGA/LVDS, SATA, LAN and SDIO
● Ultra low power Intel
® Atom™ processor Z510/ Z530
● Intel
® System Controller Hub US15W
● Compact size: 100 x 72mm
● 2 COM and 4 USB 2.0 supported
● CRT/LVDS LCD supported
● 1 SATA-300 port
● 1 10/100/1000Mbps Ethernet
● 1 SDIO port
● Minimum 8 Watt power requirenent
I/O
System
MIO
1 x PS/2 (through I/O pin-header)
2 x RS-232 (through I/O pin-header)
1 x SDIO (through I/O pin-header)
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port as 10/100/1000Mbps supports Wake-on-LAN,
RPL/PXE Boot ROM with Realtek RTL8111B
Audio
HD Codec audio as MIC-in/Line-in/Line-out
with Realtek ALC886
USB
4 x USB 2.0
SMBus
System management bus for advanced
monitoring/control interface
Digital I/O
4 channels IN and 4 channels OUT
CPU
Intel
® Atom™ processor Z510 1.1 GHz and Z530 1.6 GHz
onboard with FSB 400/533 MHz
System Memory
1 x 200-pin SO-DIMM supports DDR2-400/533 max.
up to 2 GB
Chipset
Intel System Controller Hub US15W
BIOS
Phoenix-Award
SSD
1 x CompactFlash™ type-II
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
N/A
Battery
Lithium 3V/225 mAH
Power Input
DC power jack connector
+5V DC-in only
AT Auto Power On function supported
Power Requirements
*Intel
® Atom™ Z530 @1.6 GHz, 1GB DDR2
Max. RMS: +5V @ 1.625A
*Intel
® Atom™ Z510 @1.1 GHz, 1GB DDR2
Max. RMS: +5V @ 1.451A
Size
100 x 72 mm
Board Thickness
1.6 mm
Operating Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Features
Rear view
I/O board
Ordering Information
Packing List
Standard
PICO820VGA-Z510
(P/N: E38H820100)
Pico-ITX SBC with Intel
® Atom™ processor Z510 1.1 GHz,
VGA/LVDS, 10/100/1000Mbps Ethernet, SATA-300 and HD
audio
PICO820VGA-Z530
(P/N: E38H820101)
Pico-ITX SBC with Intel
® Atom™ processor Z530 1.6 GHz,
VGA/LVDS, 10/100/1000Mbps Ethernet, SATA-300 and HD
audio
Optional
PICO820VGA-Z510
90D PWR Connector
(P/N: E38H820109)
Pico-ITX SBC with Intel
® Atom™ processor Z510 1.1 GHz,
VGA/LVDS, 10/100/1000Mbps Ethernet, SATA-300, 90D
power connector and HD audio
PICO820VGA-Z530
90D PWR Connector
(P/N: E38H820110)
Pico-ITX SBC with Intel
® Atom™ processor Z530 1.6 GHz,
VGA/LVDS, 10/100/1000Mbps Ethernet, SATA-300, 90D
power connector and HD audio
5938H820010E
COM x 2 + audio cable
5938H820000E
USB x 4 + Mini DIN cable
5948H823000E
DC power cable (for internal power connector)
Standard
Quick installation guide, user's manual/utility CD, cable, I/O board
Accessories
Part Number
Description
Qty
E393238100
AX93238 I/O board
1
594PICO8200E
DC power cable
1
59411208000E
SATA cable
1
59405300610E
SATA power cable
1
Fanless
Low Power
Display
Chipset
Intel
® GMA 500 graphics core
Memory Size
Max. up to 256MB
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single channel
Internal power connector (Optional)


Similar Part No. - PICO820

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO821 AXIOMTEK-PICO821 Datasheet
255Kb / 1P
LVDS LCD supported
PICO821LGA-Z510 AXIOMTEK-PICO821LGA-Z510 Datasheet
255Kb / 1P
LVDS LCD supported
PICO821LGA-Z530 AXIOMTEK-PICO821LGA-Z530 Datasheet
255Kb / 1P
LVDS LCD supported
PICO822 AXIOMTEK-PICO822 Datasheet
252Kb / 1P
CPU throttling supported
PICO822LGA-E620T AXIOMTEK-PICO822LGA-E620T Datasheet
346Kb / 1P
2 COM and 4 USB 2.0 1 client USB 2.0 supported
More results

Similar Description - PICO820

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06 Datasheet
184Kb / 2P
SD/SDIO and MMC Two-Port Multiplexer
logo
Texas Instruments
TXS02612 TI-TXS02612 Datasheet
627Kb / 22P
SDIO PORT EXPANDER WITH VOLTAGE-LEVEL TRANSLATION
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06_08 Datasheet
954Kb / 14P
SD/SDIO and MMC Two-Port Multiplexer
FSSD07 FAIRCHILD-FSSD07 Datasheet
253Kb / 2P
1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
FXL3SD206 FAIRCHILD-FXL3SD206 Datasheet
342Kb / 16P
Level Shifting Voltage Translator Two-Port SDIO MUX/DEMUX with Three Configurable Power Supplies for SDIO Device Port Expansion
logo
Texas Instruments
TXS02612 TI-TXS02612_10 Datasheet
608Kb / 24P
SDIO PORT EXANDER WITH VOLTAGE-LEVEL TRANSLATION
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06_12 Datasheet
575Kb / 14P
SD/SDIO and MMC Two-Port Multiplexer
FSSD07 FAIRCHILD-FSSD07_12 Datasheet
483Kb / 14P
1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
logo
AAEON Technology
TKS-G11 AAEON-TKS-G11 Datasheet
273Kb / 1P
Fanless Design, Supports CompactFlash?? SDIO RJ-45 x 1 for Ethernet
logo
ON Semiconductor
FSSD06 ONSEMI-FSSD06 Datasheet
549Kb / 15P
SD/SDIO and MMC Two-Port Multiplexer
March 2012 Rev. 1.0.5
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com