Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP176GS Datasheet(PDF) 18 Page - Analog Devices

Part # OP176GS
Description  Bipolar/JFET, Audio Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP176GS Datasheet(HTML) 18 Page - Analog Devices

Back Button OP176GS Datasheet HTML 13Page - Analog Devices OP176GS Datasheet HTML 14Page - Analog Devices OP176GS Datasheet HTML 15Page - Analog Devices OP176GS Datasheet HTML 16Page - Analog Devices OP176GS Datasheet HTML 17Page - Analog Devices OP176GS Datasheet HTML 18Page - Analog Devices OP176GS Datasheet HTML 19Page - Analog Devices OP176GS Datasheet HTML 20Page - Analog Devices OP176GS Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
OP176
REV. 0
–18–
OP176 SPICE Model
*
* Node Assignments
*
Noninverting Input
*
|
Inverting Input
*
|
|
Positive Supply
*
|
|
|
Negative Supply
*
|
|
|
|
Output
*|
|
|
|
|
*|
|
|
|
|
.SUBCKT OP176
1
2
99
50
34
*
* INPUT STAGE & POLE AT 100 MHz
*
R3
5
51
2.487
R4
6
51
2.487
CIN 1
2
3.7E-12
CM1 1
98
7.5E-12
CM2 2
98
7.5E-12
C2
5
6
320E-12
I1
97
4
100E-3
IOS
1
2
1E-9
EOS 9
3
POLY(1)
(26,28)
0.2E-3
1
Q1
5
2
7
QX
Q2
6
9
8
QX
R5
7
4
1.970
R6
8
4
1.970
D1
2
36
DZ
D2
1
36
DZ
EN
3
1
(10,0)
1
GN1 0
2
(13,0)
1E-3
GN2 0
1
(16,0)
1E-3
*
EREF 98
0
(28,0)
1
EP
97
0
(99,0)
1
EM
51
0
(50,0)
1
*
* VOLTAGE NOISE SOURCE
*
DN1 35
10
DEN
DN2 10
11
DEN
VN1 35
0
DC 2
VN2 0
11
DC 2
*
* CURRENT NOISE SOURCE
*
DN3 12
13
DIN
DN4 13
14
DIN
VN3 12
0
DC 2
VN4 0
14
DC 2
*
* CURRENT NOISE SOURCE
*
DN5 15
16
DIN
DN6 16
17
DIN
VN5 15
0
DC 2
VN6 0
17
DC 2
*
* GAIN STAGE & DOMINANT POLE AT 32 Hz
*
R7
18
98
1.243E6
C3
18
98
4E-9
G1
98
18
(5,6) 4.021E-1
V2
97
19
1.35
V3
20
51
1.35
D3
18
19
DX
D4
20 18 DX
*
* POLE/ZERO PAIR AT 1.5 MHz/2.7 MHz
*
R8
21
98
1E3
R9
21
22
1.25E3
C4
22
98
47.2E-12
G2
98
21
(18,28)
1E-3
*
* POLE AT 100 MHz
*
R10
23
98
1
C5
23
98
1.59E-9
G3
98
23
(21,28)
1
*
* POLE AT 100 MHz
*
R11
24
98
1
C6
24
98
1.59E-9
G4
98
24
(23,28)
1
*
* COMMON-MODE GAIN NETWORK WITH ZERO AT
1 kHz
*
R12
25
26
1E6
C7
25
26
60E-12
R13
26
98
1
E2
25
98
POLY(2)
(1,98) (2,98) 0 2.50 2.50
*
* POLE AT 100 MHz
*
R14
27
98
1
C8
27
98
1.59E-9
G5
98
27
(24,28)
1
*
* OUTPUT STAGE
*
R15
28
99
58.333E3
R16
28
50
58.333E3
C9
28
50
1E-6
ISY
99
50
1.743E-3
R17
29
99
100
R18
29
50
100
L2
29
34
1E-9
G6
32
50
(27,29)
10E-3
G7
33
50
(29,27)
10E-3
G8
29
99
(99,27)
10E-3
G9
50
29
(27,50)
10E-3
V4
30
29
1.74
V5
29
31
1.74
F1
29
0
V4
1
F2
0
29
V5
1
D5
27
30
DX
D6
31
27
DX
D7
99
32
DX
D8
99
33
DX
D9
50
32
DY
D10 50
33
DY
*
* MODELS USED
*
.MODEL QX PNP(BF=5E5)
.MODEL DX D(IS=1E-12)
.MODEL DY D(IS=1E-15 BV=50)
.MODEL DZ D(IS=1E-15 BV=7.0)
.MODEL DEN D(IS=1E-12 RS=4.35K KF=1.95E-15 AF=1)
.MODEL DIN D(IS=1E-12 RS=268 KF=1.08E-15 AF=1)
.ENDS OP176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com