Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICO821 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PICO821
Description  LVDS LCD supported
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO821 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO821 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
127
Ethernet
Audio
USB client
USB1/2/3/4
IDE
K/B & M/S
SMBus
+5V power input
LVDS
COM
DIO
PICO821
Intel
® Atom™ Z510/ Z530 Pico-ITX SBC
with LVDS, PATA, LAN and CF
● Ultra low power Intel
® Atom™ processor Z510/ Z530
● Intel
® System Controller Hub US15W
● 1 COM and 5 USB 2.0 (1 client port) supported
● LVDS LCD supported
● 1 PATA and 1 CompactFlash™
● 1 10/100/1000Mbps Ethernet
● Minimum 9 Watt power requirement
I/O
System
MIO
1 x IDE; PATA-100
1 x PS/2 keyboard and mouse
1 x RS-232
SATA
N/A
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port as 10/100/1000Mbps supports Wake-on-LAN
RPL/PXE Boot ROM with Realtek RTL8111B
Audio
HD Codec audio as Mic-in/Line-in/Line-out with Realtek
ALC886
USB
4 x USB 2.0
1 x client USB 2.0
SMBus
System Management Bus for advanced
monitoring/control interface
Digital I/O
6 channels IN/OUT programmable
CPU
Intel
® Atom™ processor Z510 1.1 GHz and Z530 1.6 GHz
onboard with FSB 400/533 MHz
System Memory
1 x 200-pin SO-DIMM supports DDR2-400/533 max.
up to 2 GB
Chipset
Intel
® System Controller Hub US15W
BIOS
Phoenix-Award
SSD
1 x CompactFlash™ type-II
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
N/A
Battery
Lithium 3V/225 mAH
Power Input
1 x 4-pin connector
+5V DC-in only
AT Auto Power on function supported
Power Requirements
*Intel
® Atom™ Z530 @1.6 GHz, 1GB DDR2
Max. RMS: +5V @ 1.59A
*Intel
® Atom™ Z510 @1.1 GHz, 1GB DDR2
Max. RMS: +5V @ 1.387A
Size
100 x 72 mm
Board Thickness
1.6 mm
Operating Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Features
Rear view
Ordering Information
Packing List
Standard
PICO821LGA-Z510
(P/N:E38H821100)
Pico-ITX SBC with Intel
® Atom™ processor Z510 1.1 GHz,
LVDS, PATA, 10/100/1000Mbps Ethernet, CF and DVI-D kit
PICO821LGA-Z530
(P/N:E38H821102)
Pico-ITX SBC with Intel
® Atom™ processor Z530 1.6 GHz,
LVDS, PATA, 10/100/1000Mbps Ethernet, CF and DVI-D kit
Standard
Quick installation guide, user's manual/utility CD, cable
Accessories
Part Number
Description
Qty
E393221101
AX93221 24bit LVDS to DVI-D Bd.
1
5938H821040E
PICO821 LVDS to AX93221 cable
1
59382631000E
2 x USB cable
2
5938H821030E
USB client port cable
1
5938H821000E
COM + KB cable
1
5938H821010E
audio cable
1
85932021000E
AX93202 RJ-45 Bd.
1
59093201000E
PICO821 to AX93202 cable
1
5938H821020E
Power in cable
1
Fanless
Low Power
CF type-II
DDR2
SO-DIMM
Display
Chipset
Intel
® GMA 500 graphics core
Memory Size
Max. up to 256MB
Display Interface
1 x LVDS; 18/24-bit single channel


Similar Part No. - PICO821

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO820 AXIOMTEK-PICO820 Datasheet
277Kb / 1P
1 SDIO port
PICO820VGA-Z510 AXIOMTEK-PICO820VGA-Z510 Datasheet
277Kb / 1P
1 SDIO port
PICO820VGA-Z530 AXIOMTEK-PICO820VGA-Z530 Datasheet
277Kb / 1P
1 SDIO port
PICO822 AXIOMTEK-PICO822 Datasheet
252Kb / 1P
CPU throttling supported
PICO822LGA-E620T AXIOMTEK-PICO822LGA-E620T Datasheet
346Kb / 1P
2 COM and 4 USB 2.0 1 client USB 2.0 supported
More results

Similar Description - PICO821

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB206 AXIOMTEK-IMB206 Datasheet
218Kb / 1P
TPM supported
MANO860 AXIOMTEK-MANO860 Datasheet
261Kb / 1P
iAMT supported
SBC84622 AXIOMTEK-SBC84622 Datasheet
215Kb / 1P
VGA and LVDS/TTL LCD
SBC81210 AXIOMTEK-SBC81210 Datasheet
166Kb / 1P
DisplayPort supported
SHB103 AXIOMTEK-SHB103 Datasheet
158Kb / 1P
DisplayPort supported
STB86600 AXIOMTEK-STB86600 Datasheet
186Kb / 1P
VGA and LCD supported
STB97300 AXIOMTEK-STB97300 Datasheet
194Kb / 1P
VGA and LCD supported
logo
Renesas Technology Corp
S16815EJ1V0DS00 RENESAS-S16815EJ1V0DS00_15 Datasheet
494Kb / 28P
480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256 GRAY SCALES, mini-LVDS INTERFACE SUPPORTED)
logo
Axiomtek Co., Ltd.
STB86600 AXIOMTEK-STB86600_14 Datasheet
179Kb / 1P
VGA and LCD supported
logo
AAEON Technology
FWS-7821 AAEON-FWS-7821 Datasheet
407Kb / 2P
TPM Supported (Optional Request), RAID 0,1 Supported
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com