Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP162GS Datasheet(PDF) 11 Page - Analog Devices

Part # OP162GS
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP162GS Datasheet(HTML) 11 Page - Analog Devices

Back Button OP162GS Datasheet HTML 7Page - Analog Devices OP162GS Datasheet HTML 8Page - Analog Devices OP162GS Datasheet HTML 9Page - Analog Devices OP162GS Datasheet HTML 10Page - Analog Devices OP162GS Datasheet HTML 11Page - Analog Devices OP162GS Datasheet HTML 12Page - Analog Devices OP162GS Datasheet HTML 13Page - Analog Devices OP162GS Datasheet HTML 14Page - Analog Devices OP162GS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
–11–
REV. D
OP162/OP262/OP462
10
0%
100
90
500ns
2V
50mV
VS = 5V
AV = 1
RL = 10k
Figure 32. Oscilloscope Photo of VS and VOUT
OP462
VOUT
10k
+1
+
–
0 TO +5V
SQUARE
Figure 33. Test Circuit for Power On Settling Time
Capacitive Load Drive
The OP162/OP262/OP462 is a high speed, extremely accurate
device and can tolerate some capacitive loading at its output.
As load capacitance increases, however, the unity-gain band-
width of the device will decrease. There will also be an increase
in overshoot and settling time for the output. Figure 35 shows
an example of this with the device configured for unity gain and
driving a 10 k
W resistor and 300 pF capacitor placed in parallel.
By connecting a series R-C network, commonly called a “snub-
ber” network, from the output of the device to ground, this
ringing can be eliminated and overshoot can be significantly
reduced. Figure 34 shows how to set up the snubber network,
and Figure 36 shows the improvement in output response with
the network added.
OPx62
VIN
VOUT
+5V
RX
CX
CL
Figure 34. Snubber Network Compensation for Capacitive
Loads
50mV
VS = 5V
AV = 1
CL = 300pF
RL = 10k
1 s
100
90
10
0%
Figure 35. A Photo of a Ringing Square Wave
10
0%
100
90
50mV
1 s
VS = 5V
AV = 1
CL = 300pF
RL = 10k
WITH SNUBBER:
RX = 140
CX = 10nF
Figure 36. A Photo of a Nice Square Wave at the Output
The network operates in parallel with the load capacitor, CL,
and provides compensation for the added phase lag. The actual
values of the network resistor and capacitor are determined
empirically to minimize overshoot while maximizing unity-gain
bandwidth. Table I shows a few sample snubber networks for
large load capacitors:
Table I. Snubber Networks for Large Capacitive Loads
CLOAD
RX
CX
<300 pF
140
W
10 nF
500 pF
100
W
10 nF
1 nF
80
W
10 nF
10 nF
10
W
47 nF
Obviously, higher load capacitance will also reduce the unity-
gain bandwidth of the device. Figure 37 shows a plot of unity-
gain bandwidth versus capacitive load. The snubber network
will not provide any increase in bandwidth, but it will substan-
tially reduce ringing and overshoot, as shown in the difference
between Figures 35 and 36.
CLOAD
10
9
0
10pF
10nF
100pF
1nF
4
3
2
1
6
5
8
7
Figure 37. Unity Gain Bandwidth vs. CLOAD
Total Harmonic Distortion and Crosstalk
The OPx62 device family offers low total harmonic distortion.
This makes it an excellent device choice for audio applications.
Figure 38 shows a graph of THD plus noise figures at 0.001%
for the OP462.
Figure 39 shows a graph of the worst case crosstalk between two
amplifiers in the OP462 device. A 1 V rms signal is applied to
one amplifier while measuring the output of an adjacent ampli-
fier. Both amplifiers are configured for unity gain and supplied
with
±2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com