Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP181 Datasheet(PDF) 13 Page - Analog Devices

Part # OP181
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP181 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP181 Datasheet HTML 8Page - Analog Devices OP181 Datasheet HTML 9Page - Analog Devices OP181 Datasheet HTML 10Page - Analog Devices OP181 Datasheet HTML 11Page - Analog Devices OP181 Datasheet HTML 12Page - Analog Devices OP181 Datasheet HTML 13Page - Analog Devices OP181 Datasheet HTML 14Page - Analog Devices OP181 Datasheet HTML 15Page - Analog Devices OP181 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
OP181/OP281/OP481
–13–
REV. 0
Amplifier A1 is used as a voltage follower that will only track the
input voltage when it is greater than 0 V. This provides a half-
wave rectification of the input signal to the noninverting
terminal of amplifier A2. When A1’s output is following the
input, the inverting terminal of A2 will also follow the input
from the virtual ground between the inverting and noninverting
terminals of A2. With no potential difference across R1, no
current flows through either R1 or R2, therefore the output of
A2 will also follow the input. Now, when the input voltage goes
below 0 V, the noninverting terminal of A2 becomes 0 V. This
makes A2 work as an inverting amplifier with a gain of 1 and
provides a full-wave rectified version of the input signal. A 2 k
Ω
resistor in series with A1’s noninverting input protects the
device when the input signal becomes less than ground.
A Battery Powered Telephone Headset Amplifier
Figure 43 shows how the OP281 can be used as a two-way
amplifier in a telephone headset. One side of the OP281 can be
used as an amplifier for the microphone, while the other side
can be used to drive the speaker. A typical telephone headset
uses a 600
Ω speaker and an electret microphone that requires a
supply voltage and a biasing resistor.
+3V
OP281-B
20k
Ω
20k
Ω
Q1
Q2
+3V
1µF
600
Ω
SPEAKER
50k
Ω
10k
Ω
1µF
10k
Ω
POT.
+3V
1M
Ω
1M
Ω
1µF
1µF
INPUT
1M
Ω
+3V
OP281-A
11k
Ω
300k
Ω
0.1µF
1µF
+3V
1M
Ω
1µF
MIC OUT
2.2k
Ω
+3V
ELECTRET
MIC
Figure 43. A Battery Powered Telephone Headset
Two-Way Amplifier
The OP281-A op amp provides about 29 dB of gain for audio
signals coming from the microphone. The gain is set by the
300 k
Ω and 11 kΩ resistors. The gain bandwidth product of the
amplifier is 95 kHz, which, for the set gain of 28, yields a –3 dB
rolloff at 3.4 kHz. This is acceptable since telephone audio is
band limited for 300 kHz to 3 kHz signals. If higher gain is
required for the microphone, an additional gain stage should be
used, as adding any more gain to the OP281 would limit the
audio bandwidth. A 2.2 k
Ω resistor is used to bias the electret
microphone. This resistor value may vary depending on the
specifications on the microphone being used. The output of the
microphone is ac coupled to the noninverting terminal of the op
amp. Two 1 M
Ω resistors are used to provide the dc offset for
single supply use.
The OP281-B amplifier can provide up to 15 dB of gain for the
headset speaker. Incoming audio signals are ac coupled to a
10 k
Ω potentiometer that is used to adjust the volume. Again,
two 1 M
Ω resistors provide the dc offset with a 1 µF capacitor
establishing an ac ground for the volume control potentiometer.
Because the OP281 is a rail-to-rail output amplifier, it would
have difficulty driving a 600
Ω speaker directly. Here, a class AB
buffer is used to isolate the load from the amplifier and also
provide the necessary current drive to the speaker. By placing
the buffer in the feedback loop of the op amp, crossover
distortion can be minimized. Q1 and Q2 should have minimum
betas of 100. The 600
Ω speaker is ac coupled to the emitters to
prevent any quiescent current from flowing in the speaker. The
1
µF coupling capacitor makes an equivalent high pass filter
cutoff at 265 Hz with a 600
Ω load attached. Again, this does
not pose a problem, as it is outside the frequency range for
telephone audio signals.
The circuit in Figure 43 draws around 250
µA of current. The
class AB buffer has a quiescent current of 140
µA while roughly
100
µA is drawn by the microphone itself. A CR2032 3 V
lithium battery has a life expectancy of 160 mA hours, which
means this circuit could run continuously for 640 hours on a
single battery.
SPICE Macro-Model
* OP181 SPICE Macro-model
* 9/96, Ver. 1
*
* Copyright 1996 by Analog Devices
*
* Refer to “README.DOC” file for License Statement. Use of this
* model indicates your acceptance of the terms and provisions in
* the License Statement.
*
* Node Assignments
*
noninverting input
*
|
inverting input
*
|
|
positive supply
*
|
|
|
negative supply
*
|
|
|
|
output
*|
|
|
|
|
*|
|
|
|
|
.SUBCKT OP181
1
2
99
50
45
*
* INPUT STAGE
*
Q1
41
3PIX
Q2
67
5PIX
I1
99
8
1.28E-6
EOS
7
2
POLY(1)
(12, 98) 80E-6 1
IOS
1
2
1E-10
RC1
4
50
500E3
RC2
6
50
500E3
RE1
3
8
108
RE2
5
8
108
V1
99
13
DC .9
V2
99
14
DC .9
D1
3
13
DX
D2
5
14
DX
*
* CMRR 76dB,
ZERO AT 1kHz
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com