Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINT1150 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MINT1150
Description  The MINT1150 family is a high power density for a power supply in a 2??x 4??size.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1150 Datasheet(HTML) 2 Page - SL Power Electronics

  MINT1150 Datasheet HTML 1Page - SL Power Electronics MINT1150 Datasheet HTML 2Page - SL Power Electronics MINT1150 Datasheet HTML 3Page - SL Power Electronics MINT1150 Datasheet HTML 4Page - SL Power Electronics MINT1150 Datasheet HTML 5Page - SL Power Electronics MINT1150 Datasheet HTML 6Page - SL Power Electronics MINT1150 Datasheet HTML 7Page - SL Power Electronics MINT1150 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MINT1150
150W Single Output
Medical Series
www.slpower.com
MINT1150 REV 1.4, 13-NOV-12
2
General Specifications (continued)
Input Fuses
F1, F2: 4A, 250Vac fuses provided on all
models
Overload
Protection
Hiccup Mode
Earth Leakage
Current
<300μA@264Vac, 60Hz, NC
Short Circuit
Protection
Provided - no damage will occur if the output is
shorted. Hiccup Mode
Efficiency
89% typical at 115Vac
Overvoltage
Protection
OVP firing reduces output voltage to <50% of
nominal in <50mS. See chart for trip range.
Output Power
150W continuous with 200 lfm airflow, 100W
convection cooled – See chart for specific
voltage model ratings.
Switching
Frequency
PFC: Variable 30-400kHz.
Main Converter: Variable 35-180kHz, 65-70kHz
at full load.
Transient
Response
50% load step.
i/t: <0.2A/μS
Max Volt Deviation = 3%
Isolation
Input-Output:
4000Vac, 2 x MOPP
Input-Ground:
1800Vac, 1 x MOPP
Output-Ground: 500Vac
Ripple and Noise
See chart
Operating
Temperature
-10°C to +70°C
Output Voltage
See chart
Temperature
Derating
Derate output power linearly above 50°C to 50%
at 70°C
Voltage
Adjustability
+/-5% from nominal
Storage
Temperature
-40°C to +85°C
Minimum Load
Not required
Altitude
Operating: -500 to 10,000 ft
Non-operating: -500 to 40,000 ft.
Total Regulation
+/- 5%. See chart
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g/Hz, 1.5grms overall, 3
axes, 10 min/axis
Non-Operating: 0.026g2/Hz, 5.0grms overall,
3 axes, 1 hr/axis
Shock
Operating: Half-sine, 20gpk, 10ms, 3 axes, 6
shocks total
Non-Operating: Half-sine, 40 gpk, 10 ms, 3
axes, 6 shocks total
Dimensions
W: 2.0” x L: 4.0” x H: 1.3”
Safety Standards
EN/CSA/UL/IEC60601-1, 3
rd Edition
Weight
183g
MTBF
640,000 hours at 100W convection, 1,500,000
hours at 150W with 200LFM air
Auxiliary Signals
AC Power Fail:
During normal operations, stays HIGH.
Power Fail:
Goes LOW with 5 mS warning before loss
of output power due to AC failure
DC OK:
Open collector logic signal goes and stays HIGH
100mS to 500mS after main output reaches
regulation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com