Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP262GP Datasheet(PDF) 7 Page - Analog Devices

Part # OP262GP
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP262GP Datasheet(HTML) 7 Page - Analog Devices

Back Button OP262GP Datasheet HTML 3Page - Analog Devices OP262GP Datasheet HTML 4Page - Analog Devices OP262GP Datasheet HTML 5Page - Analog Devices OP262GP Datasheet HTML 6Page - Analog Devices OP262GP Datasheet HTML 7Page - Analog Devices OP262GP Datasheet HTML 8Page - Analog Devices OP262GP Datasheet HTML 9Page - Analog Devices OP262GP Datasheet HTML 10Page - Analog Devices OP262GP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
–7–
REV. D
OP162/OP262/OP462
LOAD CURRENT – mA
100
80
0
01
7
23456
60
40
20
VS = 10V
VS = 3V
Figure 10. Output Low Voltage to
Supply Rail vs. Load Current
FREQUENCY – Hz
50
40
–30
100k
1M
100M
10M
30
20
–20
10
0
–10
45
90
270
135
180
225
GAIN
PHASE
VS = 5V
TA = 25 C
Figure 13. Open-Loop Gain and
Phase vs. Frequency (No Load)
SETTLING TIME – ns
4
3
–4
0
200
1000
400
600
800
0
–1
–2
–3
2
1
VS = 5V
TA = 25 C
0.1%
0.01%
0.1%
0.01%
Figure 16. Settling Time vs. Step Size
TEMPERATURE – C
1.0
0
–75 –50
150
–25
0
25
75 100 125
50
0.9
0.5
0.3
0.2
0.1
0.8
0.7
0.4
0.6
VS = 10V
VS = 5V
VS = 3V
Figure 11. Supply Current/Amplifier
vs. Temperature
FREQUENCY – Hz
60
40
–40
10k
100k
100M
1M
10M
20
0
–20
VS = 5V
TA = +25 C
RL = 830
CL ≤ 5pF
Figure 14. Closed-Loop Gain vs.
Frequency
CAPACITANCE – pF
60
50
0
10
100
1000
30
20
10
40
VS = 5V
TA = 25 C
VIN = 50mV
RL = 10k
+OS
–OS
Figure 17. Small-Signal Overshoot
vs. Capacitance
SUPPLY VOLTAGE – Volts
02
12
46
8
10
0.4
0.7
0.5
0.6
TA = 25 C
Figure 12. OP462 Supply Current/
Amplifier vs. Supply Voltage
FREQUENCY – Hz
5
4
0
10k
100k
10M
1M
3
2
1
VS = 5V
AVCL = 1
RL = 10k
CL = 15pF
TA = 25°C
DISTORTION < 1%
Figure 15. Maximum Output Swing
vs. Frequency
FREQUENCY – Hz
70
60
0
110
1k
100
50
40
30
20
10
VS = 5V
TA = 25 C
Figure 18. Voltage Noise Density vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com