Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0807A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C0807A
Description  Computer Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C0807A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C0807A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C0807A
Date:
10/24/2007
Revision Level:
0
5P 28 AWG 7/36 TC PP OAS PVC
Computer Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
Pairing
Braid
#28 AWG 7/36 Tinned Copper
0.009” Wall Polypropylene
0.032” Wall Polyvinyl Chloride - Gray
0.015” nom.
CAROL(R) 28 AWG -- C0807A -- 75C E60233-8 (UL)CL2 OR 60C AWM STYLE 2960 30V --
MADE IN USA (DATE CODE -- PRINT EVERY TWO FEET)
5P @ 1.50” LHL with AL / PE tape & 28 AWG 7/36 TC DW
0.033” nom.
0.226" +/- 0.011"
2 conductors @ 0.75” LHL
# 36 AWG Tinned Copper 90% Coverage
0.066" nom.
0.162" nom
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
SHIELD RESISTANCE:
GROUND CAPACITANCE:
75C
30V
67.5 Ohms/1000 ft nom
14.04 pF/ft @ 1kHz nom
108.5 Ohms @ 1MHz nom
3.5 Ohms/1000 ft nom
25.27 pF/ft @ 1kHz nom
UL Subject 758
AWM Style 2919
UL Standard 13
Type CL2
1
2
3
4
5
Black & Red
Black & White
Black & Green
Black & Blue
Black & Yellow
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C0807A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0804A GENERAL-C0804A Datasheet
73Kb / 1P
Computer Cable
C0805A GENERAL-C0805A Datasheet
73Kb / 1P
Computer Cable
logo
Kemet Corporation
C0805A100F2GAC KEMET-C0805A100F2GAC Datasheet
105Kb / 7P
CAPACITOR OUTLINE DRAWINGS
C0805A100F2GAH KEMET-C0805A100F2GAH Datasheet
105Kb / 7P
CAPACITOR OUTLINE DRAWINGS
C0805A100G2GAC KEMET-C0805A100G2GAC Datasheet
105Kb / 7P
CAPACITOR OUTLINE DRAWINGS
More results

Similar Description - C0807A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0515A GENERAL-C0515A Datasheet
75Kb / 1P
Computer Cable
C0601A GENERAL-C0601A Datasheet
81Kb / 1P
COMPUTER CABLE
C0604A GENERAL-C0604A Datasheet
81Kb / 1P
COMPUTER CABLE
C0620A GENERAL-C0620A Datasheet
81Kb / 1P
COMPUTER CABLE
C0621A GENERAL-C0621A Datasheet
81Kb / 1P
COMPUTER CABLE
C0630A GENERAL-C0630A Datasheet
81Kb / 1P
COMPUTER CABLE
C0724A GENERAL-C0724A Datasheet
81Kb / 1P
COMPUTER CABLE
C0726A GENERAL-C0726A Datasheet
81Kb / 1P
COMPUTER CABLE
C0741A GENERAL-C0741A Datasheet
73Kb / 1P
COMPUTER CABLE
C0748A GENERAL-C0748A Datasheet
75Kb / 1P
COMPUTER CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com