Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP196 Datasheet(PDF) 12 Page - Analog Devices

Part # OP196
Description  Micropower, Rail-to-Rail Input and Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP196 Datasheet HTML 8Page - Analog Devices OP196 Datasheet HTML 9Page - Analog Devices OP196 Datasheet HTML 10Page - Analog Devices OP196 Datasheet HTML 11Page - Analog Devices OP196 Datasheet HTML 12Page - Analog Devices OP196 Datasheet HTML 13Page - Analog Devices OP196 Datasheet HTML 14Page - Analog Devices OP196 Datasheet HTML 15Page - Analog Devices OP196 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP196/OP296/OP496
REV. B
–12–
APPLICATIONS INFORMATION
Functional Description
The OP196 family of operational amplifiers is comprised of single-
supply, micropower, rail-to-rail input and output amplifiers. Input
offset voltage (VOS) is only 300
µV maximum, while the output
will deliver
±5 mA to a load. Supply current is only 50 µA, while
bandwidth is over 450 kHz and slew rate is 0.3 V/
µs. Figure 36
is a simplified schematic of the OP196—it displays the novel
circuit design techniques used to achieve this performance.
Input Overvoltage Protection
The OPx96 family of op amps uses a composite PNP/NPN
input stage. Transistor Q1 in Figure 36 has a collector-base
voltage of 0 V if +IN = VEE. If +IN then exceeds VEE, the junc-
tion will be forward biased and large diode currents will flow,
which may damage the device. The same situation applies to
+IN on the base of transistor Q5 being driven above VCC. There-
fore, the inverting and noninverting inputs must not be driven
above or below either supply rail unless the input current is
limited.
Figure 37 shows the input characteristics for the OPx96 family.
This photograph was generated with the power supply pins
connected to ground and a curve tracer’s collector output drive
connected to the input. As shown in the figure, when the input
voltage exceeds either supply by more than 0.6 V, internal pn-
junctions energize and permit current flow from the inputs to
the supplies. If the current is not limited, the amplifier may be
damaged. To prevent damage, the input current should be
limited to no more than 5 mA.
10
0%
100
90
8
6
4
2
0
–2
–4
–6
–8
–1.5
–1 –0.5
0
0.5
1
1.5
INPUT VOLTAGE – Volts
Figure 37. Input Overvoltage I-V Characteristics of the
OPx96 Family
Output Phase Reversal
Some other operational amplifiers designed for single-supply
operation exhibit an output voltage phase reversal when their
inputs are driven beyond their useful common-mode range.
Typically for single-supply bipolar op amps, the negative supply
determines the lower limit of their common-mode range. With
these common-mode limited devices, external clamping diodes
are required to prevent input signal excursions from exceeding
the device’s negative supply rail (i.e., GND) and triggering
output phase reversal.
The OPx96 family of op amps is free from output phase reversal
effects due to its novel input structure. Figure 38 illustrates the
performance of the OPx96 op amps when the input is driven
beyond the supply rails. As previously mentioned, amplifier
input current must be limited if the inputs are driven beyond the
supply rails. In the circuit of Figure 38, the source amplitude is
±15 V, while the supply voltage is only ±5 V. In this case, a
2 k
Ω source resistor limits the input current to 5 mA.
10
0%
100
90
VS = 5V
AV = 1
5V
1ms
5V
0
0
VIN
VOUT
TIME – 1ns/DIV
Figure 38. Output Voltage Phase Reversal Behavior
Input Offset Voltage Nulling
The OP196 provides two offset adjust terminals that can be
used to null the amplifier’s internal VOS. In general, operational
amplifier terminals should never be used to adjust system offset
voltages. A 100 k
Ω potentiometer, connected as shown in Fig-
ure 39, is recommended to null the OP196’s offset voltage.
Offset nulling does not adversely affect TCVOS performance,
providing that the trimming potentiometer temperature coeffi-
cient does not exceed
±100 ppm/°C.
6
7
2
3
V–
V+
OP196
100k
4
1
5
Figure 39. Offset Nulling Circuit
Driving Capacitive Loads
OP196 family amplifiers are unconditionally stable with capaci-
tive loads less than 170 pF. When driving large capacitive loads
in unity-gain configurations, an in-the-loop compensation
technique is recommended, as illustrated in Figure 40.
OP296
CF
VIN
RG
RF
RX
CL
VOUT
RX =
WHERE RO = OPEN-LOOP OUTPUT RESISTANCE
RO RG
RF
CF = I + (
) (
) C
L RO
I
|
ACL|
RF + RG
RF
Figure 40. In-the-Loop Compensation Technique for
Driving Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com