Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP191GS Datasheet(PDF) 16 Page - Analog Devices

Part # OP191GS
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191GS Datasheet(HTML) 16 Page - Analog Devices

Back Button OP191GS Datasheet HTML 12Page - Analog Devices OP191GS Datasheet HTML 13Page - Analog Devices OP191GS Datasheet HTML 14Page - Analog Devices OP191GS Datasheet HTML 15Page - Analog Devices OP191GS Datasheet HTML 16Page - Analog Devices OP191GS Datasheet HTML 17Page - Analog Devices OP191GS Datasheet HTML 18Page - Analog Devices OP191GS Datasheet HTML 19Page - Analog Devices OP191GS Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
OP191/OP291/OP491
REV. 0
–16–
A +3 V, Cold Junction Compensated Thermocouple Amplifier
The OP291’s low supply operation makes it ideal for +3 V
battery powered applications such as the thermocouple amplifier
shown in Figure 64. The K-type thermocouple terminates in an
isothermal block where the junctions’ ambient temperature is
continuously monitored using a simple 1N914 diode. The
diode corrects the thermal EMF generated in the junctions by
feeding a small voltage, scaled by the 1.5 M
Ω and 475 Ω
resistors, to the op amp.
To calibrate this circuit, immerse the thermocouple measuring
junction in a 0
°C ice bath, and adjust the 500 Ω pot to zero
volts out. Next, immerse the thermocouple in a 250
°C tem-
perature bath or oven and adjust the Scale Adjust pot for an
output voltage of 2.50 V. Within this temperature range, the
K-type thermocouple is accurate to within
±3°C without
linearization.
8
1
4
3
2
OP291
4.99k
1%
500
Ω
10-TURN
ZERO
ADJUST
24.3k
1%
7.15k
1%
24.9k
1%
2.1k
1%
475
Ω
1%
1.5M
1%
1N914
AL
CR
ISOTHERMAL
BLOCK
ALUMEL
CHROMEL
COLD
JUNCTIONS
K-TYPE
THERMOCOUPLE
40.7
µV/°C
10k
3.0V
AD589
1.33M
Ω 20k
SCALE
ADJUST
V
OUT
0V = 0
°C
3V = 300
°C
1.235V
11.2mV
Figure 64. A 3 V, Cold Junction Compensated Thermo-
couple Amplifier
Single Supply, Direct Access Arrangement for Modems
An important building block in modems is the telephone line
interface. In the circuit shown in Figure 65, a direct access
arrangement is utilized for transmitting and receiving data from
the telephone line. Amplifier A1 is the receiving amplifier, and
amplifiers A2 and A3 are the transmitters. The forth amplifier,
A4, generates a pseudo ground half way between the supply
voltage and ground. This pseudo ground is needed for the ac
coupled bipolar input signals.
Figure 65. Single Supply Direct Access Arrangement for
Modems
The transmit signal, TXA, is inverted by A2 and then re-
inverted by A3 to provide a differential drive to the transformer,
where each amplifier supplies half the drive signal. This is
needed because of the smaller swings associated with a single
supply as opposed to a dual supply. Amplifier A1 provides
some gain for the received signal, and it also removes the
transmit signal present at the transformer from the receive
signal. To do this, the drive signal from A2 is also fed to the
noninverting input of A1 to cancel the transmit signal from the
transformer. The OP491’s bandwidth of 3 MHz and rail-to-rail
output swings ensures that it can provide the largest possible
drive to the transformer at the frequency of transmission.
RXA
1/4
OP491
1/4
OP491
1/4
OP491
37.4k
Ω
A1
14
13
12
3.3k
Ω
0.0047µF
A2
8
10
9
20k
Ω, 1%
475
Ω, 1%
0.033µF
37.4k
Ω, 1%
390pF
750pF
0.1µF
0.1µF
A3
7
6
5
T1
1:1
5.1V TO 6.2V
ZENER 5
1/4
OP491
1
42
3
11
A4
100k
100k
+3V OR +5V
10µF
0.1µF
20k
Ω, 1%
20k
Ω, 1%
20k
Ω 1%
TXA
20k
Ω 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com