Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP221 Datasheet(PDF) 3 Page - Analog Devices

Part # OP221
Description  Dual Low Power Operational Amplifier, Single or Dual Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP221 Datasheet(HTML) 3 Page - Analog Devices

  OP221 Datasheet HTML 1Page - Analog Devices OP221 Datasheet HTML 2Page - Analog Devices OP221 Datasheet HTML 3Page - Analog Devices OP221 Datasheet HTML 4Page - Analog Devices OP221 Datasheet HTML 5Page - Analog Devices OP221 Datasheet HTML 6Page - Analog Devices OP221 Datasheet HTML 7Page - Analog Devices OP221 Datasheet HTML 8Page - Analog Devices OP221 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
–3–
OP221
SPECIFICATIONS
(Electrical Characteristics at VS =
2.5 V to
15 V, –55 C
≤ TA +125 C for OP221A,
–25 C
≤ TA ≤ +85 C for OP221E, –40 C ≤ TA ≤ +85 C for OP221G, unless otherwise noted.)
.
OP221A/E
OP221G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Average Input
TCVOS
0.75
1.5
2
3
µV/°C
Offset Voltage
Input Offset Voltage
VOS
150
300
400
700
µV
Input Offset Current
IOS
VCM = 0
1
5
2
10
nA
Input Bias Current
IB
VCM = 0
55
100
80
140
nA
Input Voltage Range
IVR
V+ = 5 V, V– = 0 V (Note 2)
0/3.2
0/3.2
V
VS =
±15 V
–15/13.2
–15/13.2
Common-Mode
CMRR
V+ = –5 V, V– = 0 V
Rejection Ratio
0 V
≤ V
CM
≤ 3.5 V
85
90
70
80
VS =
±15 V
dB
–15 V
≤ VCM ≤ 13.5 V
90
95
75
85
Power Supply
PSRR
VS =
±2.5 V to ± 15 V
6
18
57
180
µV/V
Rejection Ratio
V– = 0 V, V+ = 5 V to 30 V
10
32
100
320
Large-Signal
AVO
VS =
±15 V, RL = 10 kΩ
Voltage Gain
VO =
±10 V
1000
600
V/mV
Output Voltage
VO
V+ = 5 V, V– = 0 V
0.8/3.8
0.9/3.7
Swing
RL = 10 k
Ω
V
VS = 15 V, RL = 10 k
Ω±13.5
13.2
Supply Current
ISY
VS =
±2.5 V, No Load
500
650
600
750
µA
(Both Amplifiers)
VS =
±15 V, No Load
700
900
950
1000
NOTES
1Sample tested.
2Guaranteed by CMRR test limits.
.
OP221A/E
OP221G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset
Voltage Match
∆V
OS
50
200
250
600
µV
Average Noninverting
Bias Current
IB+
80
120
nA
Noninverting Input
IOS+2
5
4
10
nA
Offset Current
Common-Mode
Rejection Ratio
∆CMRR V
CM = –15 V to 13.5 V
92
72
dB
Match (Note 1)
Power Supply
Rejection Ratio
∆PSRR
VS =
±2.5 V to ± 15 V
14
140
µV/V
Match (Note 1)
Matching Characteristics at Vs =
15 V, TA = 25 C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com