Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP413FS Datasheet(PDF) 11 Page - Analog Devices

Part # OP413FS
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP413FS Datasheet(HTML) 11 Page - Analog Devices

Back Button OP413FS Datasheet HTML 7Page - Analog Devices OP413FS Datasheet HTML 8Page - Analog Devices OP413FS Datasheet HTML 9Page - Analog Devices OP413FS Datasheet HTML 10Page - Analog Devices OP413FS Datasheet HTML 11Page - Analog Devices OP413FS Datasheet HTML 12Page - Analog Devices OP413FS Datasheet HTML 13Page - Analog Devices OP413FS Datasheet HTML 14Page - Analog Devices OP413FS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP113/OP213/OP413
REV. C
–11–
12.5
0
125
–50
2.5
7.5
5.0
10.0
100
75
50
25
0
–25
TEMPERATURE – C
–75
RL = 2k
RL = 1k
RL = 600
VS = 15V
VD = 10V
Figure 20. OP413 Open-Loop Gain vs. Temperature
100
40
–20
10k
10M
1M
100k
1k
20
0
60
80
FREQUENCY – Hz
90
225
135
180
45
0
V+ = 5V
V– = 0V
TA = +25 C
GAIN
PHASE
m = 57
Figure 21. Open-Loop Gain, Phase vs. Frequency @ +5 V
50
30
–20
10k
10M
1M
100k
1k
40
10
20
–10
0
FREQUENCY – Hz
AV = +100
AV = +10
AV = +1
V+ = 5V
V– = 0V
TA = +25 C
Figure 22. Closed-Loop Gain vs. Frequency @ +5 V
10
0
125
3
1
–50
2
6
4
5
7
8
9
100
75
50
25
0
–25
TEMPERATURE – C
–75
RL = 2k
RL = 600
VS = 15V
VO = 10V
Figure 23. OP213 Open-Loop Gain vs. Temperature
100
40
–20
10k
10M
1M
100k
1k
20
0
60
80
FREQUENCY – Hz
90
225
135
180
45
0
TA= +25 C
VS = 15V
GAIN
PHASE
m = 72
Figure 24. Open-Loop Gain, Phase vs. Frequency @
±15 V
50
30
–20
10k
10M
1M
100k
1k
40
10
20
–10
0
FREQUENCY – Hz
AV = +100
AV = +10
AV = +1
TA= +25 C
VS = 15V
Figure 25. Closed-Loop Gain vs. Frequency @
±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com