Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249 Datasheet(PDF) 13 Page - Analog Devices

Part # OP249
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP249 Datasheet HTML 9Page - Analog Devices OP249 Datasheet HTML 10Page - Analog Devices OP249 Datasheet HTML 11Page - Analog Devices OP249 Datasheet HTML 12Page - Analog Devices OP249 Datasheet HTML 13Page - Analog Devices OP249 Datasheet HTML 14Page - Analog Devices OP249 Datasheet HTML 15Page - Analog Devices OP249 Datasheet HTML 16Page - Analog Devices OP249 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
OP249
–13–
REV. C
Figure 48 illustrates the effect of altering the compensation on
the output response of the circuit in Figure 48a. Compensation
is required to address the combined effect of the DAC’s output
capacitance, the op amp’s input capacitance and any stray ca-
pacitance. Slight adjustments to the compensation capacitor
may be required to optimize settling response for any given
application .
The settling time of the combination of the current output DAC
and the op amp can be approximated by:
tS TOTAL
= (t
S DAC )
2
+(t
S AMP )
2
The actual overall settling time is affected by the noise gain of
the amplifier, the applied compensation, and the equivalent
input capacitance at the amplifier’s input.
DISCUSSION ON DRIVING A/D CONVERTERS
Settling characteristics of operational amplifiers also include an
amplifier’s ability to recover, i.e., settle, from a transient current
output load condition. An example of this includes an op amp
driving the input from a SAR type A/D converter. Although the
comparison point of the converter is usually diode clamped, the
input swing of plus-and-minus a diode drop still gives rise to a
significant modulation of input current. If the closed-loop out-
put impedance is low enough and bandwidth of the amplifier is
sufficiently large, the output will settle before the converter
makes a comparison decision which will prevent linearity errors
or missing codes.
Figure 49 shows a settling measurement circuit for evaluating
recovery from an output current transient. An output disturbing
current generator provides the transient change in output load
current of 1 mA. As seen in Figure 50, the OP249 has extremely
fast recovery of 274 ns (to 0.01%), for a 1 mA load transient.
The performance makes it an ideal amplifier for data acquisition
systems.
B
A
C = 5pF
RESPONSE IS GROSSLY UNDERDAMPED,
AND EXHIBITS RINGING
C = 15pF
FAST RISE TIME CHARACTERISTICS, BUT AT EXPENSE
OF SLIGHT PEAKING IN RESPONSE
Figure 48. Effect of Altering Compensation from Circuit in Figure 47a—PM7545 CMOS DAC with 1/2 OP249, Unipolar
Operation. Critically Damped Response Will Be Obtained with C
33 pF
|VREF|
1k
IOUT =
1/2
OP249
+15V
–15V
0.1 F
0.1 F
+15V
1.5k
1N4148
0.1 F
220
1.8k
1k
2N3904
1k
10 F
VREF
0.47 F
0.01 F
*
*
*NOTE: DECOUPLE CLOSE TOGETHER
ON GROUND PLANEWITH
SHORT LEAD LENGTHS
TTL INPUT
+15V
2N2907
7A13 PLUG-IN
7A13 PLUG-IN
300pF
Figure 49. Transient Output Impedance Test Fixture
The combination of high speed and excellent dc performance of
the OP249 makes it an ideal amplifier for 12-bit data acquisition
systems. Examining the circuit in Figure 51, one amplifier in the
OP249 provides a stable –5 V reference voltage for the VREF
input of the ADC912. The other amplifier in the OP249 per-
forms high speed buffering of the A/D’s input.
Examining the worst case transient voltage error (Figure 52) at
the Analog In node of the A/D converter: the OP249 recovers in
less than 100 ns. The fast recovery is due to both the OP249’s
wide bandwidth and low dc output impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com