Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249AZ Datasheet(PDF) 1 Page - Analog Devices

Part # OP249AZ
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249AZ Datasheet(HTML) 1 Page - Analog Devices

  OP249AZ Datasheet HTML 1Page - Analog Devices OP249AZ Datasheet HTML 2Page - Analog Devices OP249AZ Datasheet HTML 3Page - Analog Devices OP249AZ Datasheet HTML 4Page - Analog Devices OP249AZ Datasheet HTML 5Page - Analog Devices OP249AZ Datasheet HTML 6Page - Analog Devices OP249AZ Datasheet HTML 7Page - Analog Devices OP249AZ Datasheet HTML 8Page - Analog Devices OP249AZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
OP249
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
Dual, Precision
JFET High Speed Operational Amplifier
PIN CONNECTIONS
FEATURES
Fast Slew Rate: 22 V/ s typ
Settling Time (0.01%): 1.2
s max
Offset Voltage: 300
V max
High Open-Loop Gain: 1000 V/mV min
Low Total Harmonic Distortion: 0.002% typ
Improved Replacement for AD712, LT1057, OP215,
TL072 and MC34082
Available in Die Form
APPLICATIONS
Output Amplifier for Fast D/As
Signal Processing
Instrumentation Amplifiers
Fast Sample/Holds
Active Filters
Low Distortion Audio Amplifiers
Input Buffer for A/D Converters
Servo Controllers
GENERAL DESCRIPTION
The OP249 is a high speed, precision dual JFET op amp, simi-
lar to the popular single op amp, the OP42. The OP249 outper-
forms available dual amplifiers by providing superior speed with
excellent dc performance. Ultrahigh open-loop gain (1 kV/mV
minimum), low offset voltage and superb gain linearity, makes
the OP249 the industry’s first true precision, dual high speed
amplifier.
With a slew rate of 22 V/
µs typical, and a fast settling time of
less than 1.2
µs maximum to 0.01%, the OP249 is an ideal
choice for high speed bipolar D/A and A/D converter applica-
tions. The excellent dc performance of the OP249 allows the
full accuracy of high resolution CMOS D/As to be realized.
Symmetrical slew rate, even when driving large load, such as
600
Ω or 200 pF of capacitance, and ultralow distortion, make
the OP249 ideal for professional audio applications, active fil-
ters, high speed integrators, servo systems and buffer amplifiers.
The OP249 provides significant performance upgrades to the
TL072, AD712, OP215, MC34082 and the LT1057.
8-Lead Cerdip (Z Suffix),
8-Lead Plastic Mini-DIP
(P Suffix)
1
2
3
4
8
7
6
5
A
B
++ –
+IN A
V–
+IN B
–IN B
–IN A
OUT A
V+
OUT B
–
TO-99 (J Suffix)
OUTA 1
–IN A 2
+IN A 3
4
V–
5 +IN B
6 –IN B
7 OUT B
V+
8
B
+ –
A
+
–
8-Lead SO
(S Suffix)
1
2
3
4
8
7
6
5
A
B
+
–
+
–
+IN A
V–
+IN B
–IN B
–IN A
OUT A
V+
OUT B
10
0%
100
90
500ns
10mV
870ns
Figure 1. Fast Settling (0.01%)
0.010
0.001
20
10k
100
1k
20k
TA = +25 C
VS = 15V
VO = 10V p-p
RL = 10k
AV = +1
Figure 2. Low Distortion AV = +1,
RL = 10 k
Ω
20-Terminal LCC (RC Suffix)
1
2
3
4
8
7
6
5
NC
OUT B
NC
–IN A
+IN A
NC
NC
NC
NC
19
20
18
17
16
15
14
13
12
11
10
9
–IN B
NC = NO CONNECT
10
0%
100
90
1µs
5V
Figure 3. Excellent Output Drive,
RL = 600
Ω


Similar Part No. - OP249AZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP249AZ AD-OP249AZ Datasheet
567Kb / 20P
Dual, Precision JFET High Speed Operational Amplifier
Rev. F
OP249AZ AD-OP249AZ Datasheet
438Kb / 20P
Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
OP249AZ AD-OP249AZ Datasheet
441Kb / 19P
Precision JFET, High Speed, Dual Operational Amplifier
10/15-Rev. H to Rev. I
More results

Similar Description - OP249AZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1022 LINER-LT1022 Datasheet
473Kb / 8P
High Speed, Precision JFET Input Operational Amplifier?
RH1056A LINER-RH1056A Datasheet
162Kb / 4P
Precision, High Speed, JFET Input Operational Amplifier
RH1056 LINER-RH1056 Datasheet
109Kb / 2P
Precision, High Speed, JFET Input Operational Amplifier
logo
Analog Devices
OP249 AD-OP249_07 Datasheet
567Kb / 20P
Dual, Precision JFET High Speed Operational Amplifier
Rev. F
logo
Linear Technology
LT1022 LINER-LT1022_1 Datasheet
160Kb / 12P
High Speed, Precision JFET Input Operational Amplifier
logo
Analog Devices
OP249AZ AD-OP249AZ Datasheet
438Kb / 20P
Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
OP249 AD-OP249_15 Datasheet
438Kb / 20P
Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
logo
Linear Technology
RH1056 LINER-RH1056_15 Datasheet
115Kb / 2P
Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A_15 Datasheet
112Kb / 4P
Precision, High Speed, JFET Input Operational Amplifier
logo
Analog Devices
OP249 AD-OP249_17 Datasheet
441Kb / 19P
Precision JFET, High Speed, Dual Operational Amplifier
10/15-Rev. H to Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com