Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP221GP Datasheet(PDF) 6 Page - Analog Devices

Part # OP221GP
Description  Dual Low Power Operational Amplifier, Single or Dual Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP221GP Datasheet(HTML) 6 Page - Analog Devices

Back Button OP221GP Datasheet HTML 2Page - Analog Devices OP221GP Datasheet HTML 3Page - Analog Devices OP221GP Datasheet HTML 4Page - Analog Devices OP221GP Datasheet HTML 5Page - Analog Devices OP221GP Datasheet HTML 6Page - Analog Devices OP221GP Datasheet HTML 7Page - Analog Devices OP221GP Datasheet HTML 8Page - Analog Devices OP221GP Datasheet HTML 9Page - Analog Devices OP221GP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
Typical Perfomance Characteristics – OP221
–6–
TEMPERATURE – C
140
–50
120
100
80
60
40
20
0
–25
0
25
50
75
100
125
dc
10Hz
100Hz
1kHz
VS = 15V
TPC 1. Open-Loop Gain at
±15 V vs.
Temperature
FREQUENCY – Hz
120
0
0.1
80
60
40
20
100
1
10
100
1k
10k 100k 1M
10M
VS = 5V
VS = 15V
TPC 4. Open-Loop Gain at
±15 V vs.
Frequency
TEMPERATURE – C
55
–50
50
45
40
0.35
0.30
0.25
0.20
–25
0
25
50
75
100
125
850k
800k
750k
700k
650k
SLEW RATE
GAIN BANDWIDTH
PHASE MARGIN
VS = 15V
TPC 7. Phase Margin, Gain Bandwidth,
and Slew Rate vs. Temperature
TEMPERATURE – C
140
–50
120
100
80
60
40
20
0
–25
0
25
50
75
100
125
dc
10Hz
100Hz
1kHz
VS = 15V
TPC 2. Open-Loop Gain at
± 5 V vs.
Temperature
FREQUENCY – Hz
110
100
70
–10
60
30
20
10
0
50
40
1k
10k
100k
1M 10M
TPC 5. Closed-Loop Gain vs.
Frequency
FREQUENCY – Hz
120
10
+PSRR
–PSRR
100
80
60
40
20
0
TA = 25 C
VS = 15V
100
1k
10k
100k
TPC 8. PSRR vs. Frequency
SUPPLY VOLTAGE – V
140
0
120
100
80
60
40
20
0
5
10
15
RL = 15k
TA = 25 C
TPC 3. Open-Loop Gain at vs.
Supply Voltage
FREQUENCY – Hz
25
–10
100k
1M
10M
5
20
15
10
0
–5
80
220
200
180
140
160
120
100
TA = 25 C
VS = 15V
GAIN
PHASE
m = 42
TPC 6. Gain and Phase Shift vs.
Frequency
TA = 25 C
VS = 15V
FREQUENCY – Hz
120
1
100
80
60
40
20
0
10
100
1k
10k
100k
TPC 9. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com