Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249GP Datasheet(PDF) 5 Page - Analog Devices

Part # OP249GP
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249GP Datasheet(HTML) 5 Page - Analog Devices

  OP249GP Datasheet HTML 1Page - Analog Devices OP249GP Datasheet HTML 2Page - Analog Devices OP249GP Datasheet HTML 3Page - Analog Devices OP249GP Datasheet HTML 4Page - Analog Devices OP249GP Datasheet HTML 5Page - Analog Devices OP249GP Datasheet HTML 6Page - Analog Devices OP249GP Datasheet HTML 7Page - Analog Devices OP249GP Datasheet HTML 8Page - Analog Devices OP249GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
OP249
–5–
REV. C
DICE CHARACTERISTICS
WAFER TEST LIMITS
OP249GBC
Parameter
Symbol
Conditions
Limits
Units
Offset Voltage
VOS
0.5
mV max
Offset Voltage Temperature Coefficient
TCVOS
–40
°C ≤ T
J ≤ 85°C
6.0
µV/°C max
Input Bias Current
IB
VCM = 0 V
225
pA max
Input Offset Current
IOS
VCM = 0 V
75
pA max
Input Voltage Range
IVR
(Note 1)
±11
V min
Common-Mode Rejection
CMR
VCM =
±11 V
76
dB min
Power Supply Rejection Ratio
PSRR
VS =
±4.5 V to ±18 V
100
µV/V max
Large-Signal Voltage Gain
AVO
RL = 2 kΩ
250
V/mV min
Output Voltage Swing
VO
RL = 2 k
Ω±12.0
V min
Short-Circuit Current Limit
ISC
Output Shorted to Ground
±20/±60
mA min/max
Supply Current
ISY
No Load; VO = 0 V
7.0
mA max
Slew Rate
SR
RL = 2 k
Ω, C
L = 50 pF
16.5
V/
µs min
NOTES
1Guaranteed by CMR test.
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
(@ VS =
15 V, TJ = +25 C unless otherwise noted)
OUT (A)
–IN (A)
+IN (A)
V–
+IN (B)
–IN (B)
OUT (B)
V+
DIE SIZE 0.072
0.112 inch, 8,064 sq. mils
(1.83
2.84 mm, 5.2 sq. mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com