Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP282GP Datasheet(PDF) 9 Page - Analog Devices

Part # OP282GP
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP282GP Datasheet(HTML) 9 Page - Analog Devices

Back Button OP282GP Datasheet HTML 4Page - Analog Devices OP282GP Datasheet HTML 5Page - Analog Devices OP282GP Datasheet HTML 6Page - Analog Devices OP282GP Datasheet HTML 7Page - Analog Devices OP282GP Datasheet HTML 8Page - Analog Devices OP282GP Datasheet HTML 9Page - Analog Devices OP282GP Datasheet HTML 10Page - Analog Devices OP282GP Datasheet HTML 11Page - Analog Devices OP282GP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
OP282/OP482
REV. B
–9–
SUPPLY VOLTAGE – Volts
±15
0
±20
±10
±5
1.10
0.90
1.15
0.85
1.00
1.05
0.95
TA = +25°C
Figure 14. Relative Supply Current
vs. Supply Voltage
TEMPERATURE – °C
1.20
0.80
0.90
0.85
1.00
0.95
1.05
1.10
1.15
–50
–75
125
100
75
50
25
0
–25
VSUP = ±15
Figure 15. Relative Supply Current
vs. Temperature
20
15
5
10
VS = ±15V
SINK
SOURCE
TEMPERATURE – °C
75
–75
0
25
50
–50
–25
100 125
Figure 16. OP282/OP482 Short
Circuit Current vs. Temperature
SUPPLY VOLTAGE – Volts
±15
0
±10
±5
±20
–5
0
15
5
10
20
–10
–20
–15
RL = 10k
TA = +25°C
Ω
Figure 17. Output Voltage Swing
vs. Supply Voltage
LOAD RESISTANCE –
Ω
10k
1k
100
16
0
2
8
6
10
12
14
4
TA = +25°C
VS = ±15V
POSITIVE
SWING
NEGATIVE
SWING
Figure 18. Maximum Output Voltage
vs. Load Resistance
30
0
15
5
10
25
20
VS = ±15V
TA = +25°C
RL = 10k
AVCL = +1
100k
10k
1k
1M
FREQUENCY – Hz
Ω
Figure 19. Maximum Output Swing
vs. Frequency
600
0
300
100
200
500
400
VS = ±15V
TA = +25°C
A
= 1000
VCL
A
= 100
VCL
A
= +10
VCL
A
= 1
VCL
1M
1k
100
100k
10k
FREQUENCY – Hz
Figure 20. OP482 Closed-Loop Out-
put Impedance vs. Frequency
100
–20
40
0
20
80
60
1M
1k
100
100k
10k
TA = +25°C
VS = ±15V
V = 100mV
FREQUENCY – Hz
+ PSRR
– PSRR
∆
Figure 21. OP282 Power Supply
Rejection Ratio (PSRR) vs. Frequency
100
–20
40
0
20
80
60
1M
1k
100
100k
10k
FREQUENCY – Hz
TA = +25°C
V = ±15V
S
V
= 100mV
CM
Figure 22. OP282 Common-Mode
Rejection Ratio (CMRR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com