Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP484ES Datasheet(PDF) 15 Page - Analog Devices

Part # OP484ES
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484ES Datasheet(HTML) 15 Page - Analog Devices

Back Button OP484ES Datasheet HTML 11Page - Analog Devices OP484ES Datasheet HTML 12Page - Analog Devices OP484ES Datasheet HTML 13Page - Analog Devices OP484ES Datasheet HTML 14Page - Analog Devices OP484ES Datasheet HTML 15Page - Analog Devices OP484ES Datasheet HTML 16Page - Analog Devices OP484ES Datasheet HTML 17Page - Analog Devices OP484ES Datasheet HTML 18Page - Analog Devices OP484ES Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
–15–
OP184/OP284/OP484
10
0%
100
90
1nF LOAD
ONLY
SNUBBER
IN
CIRCUIT
2µs
50mv
50mv
µs
Figure 54. Overshoot and Ringing Is Reduced by Adding a
“Snubber” Network in Parallel with the 1 nF Load
Table I. Snubber Networks for Large Capacitive Loads
Load Capacitance
Snubber Network
(CL)(RS, CS)
1 nF
50
Ω, 100 nF
10 nF
20
Ω, 1 µF
100 nF
5
Ω, 10 µF
A Low Dropout Regulator with Current Limiting
Many circuits require stable regulated voltages relatively close in
potential to an unregulated input source. This “low dropout”
type of regulator is readily implemented with a rail-to-rail out-
put op amp such as the OP284, because the wide output swing
allows easy drive to a low saturation voltage pass device. Fur-
thermore, it is particularly useful when the op amp also enjoys a
rail-rail input feature, as this factor allows it to perform high-
side current sensing for positive rail current limiting. Typical ex-
amples are voltages developed from 3 V to 9 V range system
sources, or anywhere where low dropout performance is required
for power efficiency. The 4.5 V case here works from 5 V nomi-
nal sources, with worst-case levels down to 4.6 V or less.
Figure 55 shows such a regulator set up using an OP284 plus a
low RDS(ON), P-channel MOSFET pass device. Part of the low
dropout performance of this circuit is provided by Q1, which
has a rating of 0.11
Ω with a gate drive voltage of only 2.7 V.
This relatively low gate drive threshold allows operation of the
regulator on supplies as low as 3 V without compromise to over-
all performance.
The circuit’s main voltage control loop operation is provided by
U1B, half of the OP284. This voltage control amplifier ampli-
fies the 2.5 V reference voltage produced by three terminal U2,
a REF192. The regulated output voltage VOUT is then:
VOUT =VOUT 2 1 +
R2
R 3
()
For the example here, a VOUT of 4.5 V with VOUT2 = 2.5 V re-
quires a U1B gain of 1.8 times, so R3 and R2 are chosen for a
ratio of 1.2:1, or 10.0 k
Ω:8.06 kΩ (using closest 1% values).
Note that for the lowest VOUT dc error, R2 R3 should be main-
tained equal to R1 (as here), and the R2-R3 resistors should be
stable, close tolerance metal film types. The table in Figure 55
summarizes R1-R3 values for some popular voltages. However,
note that in general the output can be anywhere between VOUT2
to the 12 V maximum rating of Q1.
While the low voltage saturation characteristic of Q1 is a key
part of the low dropout, another component is a low current
sense comparison threshold with good dc accuracy. Here, this
is provided by current sense amplifier U1A, which is provided a
20 mV reference from the 1.235 V AD589 reference diode D2
and the R7-R8 divider. When the product of the output current
and the RS value matches this voltage threshold, the current
control loop is activated, and U1A drives Q1’s gate through D1.
This causes the overall circuit operation to enter current mode
control, with a current limit ILIMIT defined as:
ILIMIT =
VR(D2)
RS


R7
R7
+ R8
()
R9
27.4k
Ω
C4
0.1µF
C5
0.01µF
R11
1k
Ω
R6
4.99k
Ω
R8
301k
Ω
+VS
R10
1k
Ω
R2
8.06k
Ω
C3
0.1µF
RS
0.05
Ω
C6
10µF
3
2
1
8
4
R7
4.99k
Ω
U1A
OP284
D2
AD589
D1
1N4148
R5
22.1k
Ω
Q1
SI9433DY
R4
2.21k
Ω
6
5
7
C1
0.01µF
U1B
OP284
D3
1N4148
2
6
4
3
U2
REF192
C2
1µF
R1
4.53k
Ω
VOUT2
2.5V
R3
10k
Ω
5.0V
4.5V
3.3V
3.0V
4.99k
4.53k
2.43k
1.69k
10.0k
8.06k
3.24k
2.00k
10.0k
10.0k
10.0k
10.0k
VOUT R1
R2
R3
OUTPUT TABLE
VS > VOUT + 0.1V
OPTIONAL
ON/OFF CONTROL INPUT
CMOS HI (OR OPEN) = ON
LO = OFF
VIN COMMON
VC
VOUT =
4.5V @ 350mA
(SEE TABLE)
VOUT COMMON
Figure 55. A Low Dropout Regulator with Current Limiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com