Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6152 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6152
Description  N MALE TERMINATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6152 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6152 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE6152

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6150 PASTERNACK-PE6150 Datasheet
111Kb / 1P
SMA MALE TERMINATION FREQUENCY RANGE :DC TO 4 GHz
PE6150 PASTERNACK-PE6150 Datasheet
417Kb / 3P
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PE6150 PASTERNACK-PE6150_16 Datasheet
417Kb / 3P
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PE6151 PASTERNACK-PE6151 Datasheet
203Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 8 GHz
PE6151 PASTERNACK-PE6151 Datasheet
418Kb / 3P
1 Watt RF Load Up to 8 GHz With SMA Male Input Gold Plated Brass
More results

Similar Description - PE6152

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1385-13-9 WINCHESTER-SD1385-13-9 Datasheet
262Kb / 1P
N 1/2 W. MALE TERMINATION
logo
Pasternack Enterprises,...
PE6001-50 PASTERNACK-PE6001-50 Datasheet
76Kb / 1P
N MALE RESISTOR TERMINATION
PE6001-93 PASTERNACK-PE6001-93 Datasheet
76Kb / 1P
N MALE RESISTOR TERMINATION
PE6047 PASTERNACK-PE6047 Datasheet
76Kb / 1P
75 OHM N MALE RESISTOR TERMINATION
PE6062-50 PASTERNACK-PE6062-50 Datasheet
78Kb / 1P
N MALE RESISTOR TERMINATION WITH CHAIN
PE6062-93 PASTERNACK-PE6062-93 Datasheet
78Kb / 1P
N MALE RESISTOR TERMINATION WITH CHAIN
PE6153 PASTERNACK-PE6153 Datasheet
107Kb / 1P
N MALE TERMINATION
PE6158 PASTERNACK-PE6158 Datasheet
107Kb / 1P
TNC MALE TERMINATION
PE6062-75 PASTERNACK-PE6062-75 Datasheet
77Kb / 1P
N MALE RESISTOR TERMINATION WITH CHAIN
logo
Mini-Circuits
TERM-50W-183S MINI-TERM-50W-183S Datasheet
246Kb / 2P
Termination SMA-Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com