Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP295 Datasheet(PDF) 2 Page - Analog Devices

Part # OP295
Description  DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP295 Datasheet(HTML) 2 Page - Analog Devices

  OP295 Datasheet HTML 1Page - Analog Devices OP295 Datasheet HTML 2Page - Analog Devices OP295 Datasheet HTML 3Page - Analog Devices OP295 Datasheet HTML 4Page - Analog Devices OP295 Datasheet HTML 5Page - Analog Devices OP295 Datasheet HTML 6Page - Analog Devices OP295 Datasheet HTML 7Page - Analog Devices OP295 Datasheet HTML 8Page - Analog Devices OP295 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
–2–
OP295/OP495–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
30
300
µV
–40
°C ≤ T
A ≤ +125°C
800
µV
Input Bias Current
IB
820
nA
–40
°C ≤ T
A ≤ +125°C30
nA
Input Offset Current
IOS
±1
±3nA
–40
°C ≤ T
A ≤ +125°C
±5nA
Input Voltage Range
VCM
0
+4.0
V
Common-Mode Rejection Ratio
CMRR
0 V
≤ V
CM ≤ 4.0 V, –40°C ≤ TA ≤ +125°C
90
110
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, 0.005 ≤ VOUT ≤ 4.0 V
1000
10,000
V/mV
RL = 10 kΩ, –40°C ≤ TA ≤ +125°C
500
V/mV
Offset Voltage Drift
∆V
OS/∆T
15
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
RL = 100 kΩ to GND
4.98
5.0
V
RL = 10 kΩ to GND
4.90
4.94
V
IOUT = 1 mA, –40°C ≤ TA ≤ +125°C
4.7
V
Output Voltage Swing Low
VOL
RL = 100 kΩ to GND
0.7
2
mV
RL = 10 kΩ to GND
0.7
2
mV
IOUT = 1 mA, –40°C ≤ TA ≤ +125°C90
mV
Output Current
IOUT
±11
±18
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
±1.5 V ≤ V
S ≤ ± 15 V
90
110
dB
±1.5 V ≤ V
S ≤ ± 15 V,
–40
°C ≤ T
A ≤ +125°C85
dB
Supply Current Per Amplifier
ISY
VOUT = 2.5 V, RL = ∞, –40°C ≤ TA ≤ +125°C
150
µA
DYNAMIC PERFORMANCE
Skew Rate
SR
RL = 10 kΩ
0.03
V/
µs
Gain Bandwidth Product
GBP
75
kHz
Phase Margin
θ
O
86
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.5
µV p-p
Voltage Noise Density
en
f = 1 kHz
51
nV/
√Hz
Current Noise Density
in
f = 1 kHz
<0.1
pA/
√Hz
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
30
500
µV
Input Bias Current
IB
820
nA
Input Offset Current
IOS
±1
±3nA
Input Voltage Range
VCM
0
+2.0
V
Common-Mode Rejection Ratio
CMRR
0 V
≤ V
CM ≤ 2.0 V, –40°C ≤ TA ≤ +125°C
90
110
dB
Large Voltage Gain
AVO
RL = 10 kΩ
750
V/mV
Offset Voltage Drift
∆V
OS/∆T
1
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
RL = 10 kΩ to GND
2.9
V
Output Voltage Swing Low
VOL
RL = 10 kΩ to GND
0.7
2
mV
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
±1.5 V ≤ V
S ≤ ± 15 V
90
110
dB
±1.5 V ≤ V
S ≤ ± 15 V,
–40
°C ≤ T
A ≤ +125°C85
dB
Supply Current Per Amplifier
ISY
VOUT = 1.5 V, RL = ∞, –40°C ≤ TA ≤ +125°C
150
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ
0.03
V/
µs
Gain Bandwidth Product
GBP
75
kHz
Phase Margin
θ
O
85
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.6
µV p-p
Voltage Noise Density
en
f = 1 kHz
53
nV/
√Hz
Current Noise Density
in
f = 1 kHz
<0.1
pA/
√Hz
Specifications subject to change without notice.
(@ VS = +5.0 V, VCM = +2.5 V, TA = +25 C unless otherwise noted)
(@ VS = +3.0 V, VCM = +1.5 V, TA = +25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com