Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482GP Datasheet(PDF) 8 Page - Analog Devices

Part # OP482GP
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482GP Datasheet(HTML) 8 Page - Analog Devices

Back Button OP482GP Datasheet HTML 4Page - Analog Devices OP482GP Datasheet HTML 5Page - Analog Devices OP482GP Datasheet HTML 6Page - Analog Devices OP482GP Datasheet HTML 7Page - Analog Devices OP482GP Datasheet HTML 8Page - Analog Devices OP482GP Datasheet HTML 9Page - Analog Devices OP482GP Datasheet HTML 10Page - Analog Devices OP482GP Datasheet HTML 11Page - Analog Devices OP482GP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
OP282/OP482
REV. B
–8–
FREQUENCY – Hz
1k
10k
100k
1M
100M
10M
0
40
20
80
60
90
135
0
45
180
VS = ±15V
TA = +25°C
Figure 5. Open-Loop Gain, Phase
vs. Frequency
FREQUENCY – Hz
1M
1k
10k
100k
100M
10M
A
= +100
VCL
A
= +1
VCL
A
= +10
VCL
10
30
20
40
50
60
0
–10
–20
VS = ±15V
TA = +25°C
Figure 6. Closed-Loop Gain vs.
Frequency
60
45
40
55
50
125
–75
–25
–50
25
0
50
75
100
TEMPERATURE – °C
V = ±15V
S
RL = 10k
GBW
ØM
50
3.5
3.0
4.5
4.0
Figure 7. OP482 Phase Margin and
Gain Bandwidth Product vs.
Temperature
500
0
300
100
200
400
LOAD CAPACITANCE – pF
70
10
0
60
50
40
30
20
AVCL = +1
NEGATIVE EDGE
L
POSITIVE EDGE
VS = ±15V
RL = 2k
VIN = 100mV p-p
AVCL = +1
Ω
Figure 11. Small Signal Overshoot
vs. Load Capacitance
1000
1.0
0.1
100
10
TEMPERATURE – °C
125
–25
–50
25
0
50
75
100
VCM = 0
VS = ±15V
Figure 12. OP282 Input Bias Current
vs. Temperature
COMMON - MODE VOLTAGE – V
15
–15
0
510
–10
–5
TA = +25°C
VS = ±15V
100
1
1000
0.1
10
Figure 13. OP282 Input Bias Current
vs. Common-Mode Voltage
125
–75
–25
–50
25
0
50
75
100
TEMPERATURE – °C
30
35
20
15
5
25
10
V = ±15V
S
RL= 10k
Figure 8. Open-Loop Gain (V/mV)
20
25
15
10
5
L
125
–75
–25
–50
25
0
50
75
100
TEMPERATURE –°C
– SR
+ SR
VS= ±15V
RL= 10k
CL= 50pF
Figure 9. OP282/OP482 Slew Rate
vs. Temperature
FREQUENCY – Hz
10
100
1k
10k
80
0
20
10
40
30
50
60
70
V = ±15V
S
T = +25°C
A
Figure 10. Voltage Noise Density
vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com