Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG646BH25 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DG646BH25
Description  Gate Turn-off Thyristor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DG646BH25 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DG646BH25 Datasheet HTML 1Page - Dynex Semiconductor DG646BH25 Datasheet HTML 2Page - Dynex Semiconductor DG646BH25 Datasheet HTML 3Page - Dynex Semiconductor DG646BH25 Datasheet HTML 4Page - Dynex Semiconductor DG646BH25 Datasheet HTML 5Page - Dynex Semiconductor DG646BH25 Datasheet HTML 6Page - Dynex Semiconductor DG646BH25 Datasheet HTML 7Page - Dynex Semiconductor DG646BH25 Datasheet HTML 8Page - Dynex Semiconductor DG646BH25 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SEMICONDUCTOR
DG646BH25
2/14
www.dynexsemi.com
SURGE RATINGS
Symbol
Parameter
Test Conditions
Max.
Units
ITSM
Surge (non repetitive) on-state current
10ms half sine. Tj = 125°C
18.0
kA
I
2t
I
2t for fusing
10ms half sine. Tj = 125°C
16.2
MA
2s
diT/dt
Critical rate of rise of on-state current
VD = 1500V, IT = 2000A, Tj = 125°C, I FG > 30A,
Rise time > 1.0 µs
300
A/µs
To 66% VDRM; RGK ≤ 1.5 , Tj = 125°C
135
V/µs
dVD/dt
Rate of rise of off-state voltage
To 66% VDRM; VRG ≤ -2V, Tj = 125°C
1000
V/µs
LS
Peak stray inductance in snubber
circuit
IT = 2000A, VDM = 2500V, Tj = 125°C, di GQ/dt = 40A/µs,
CS = 2.0µF
200
nH
GATE RATINGS
Symbol
Parameter
Test Conditions
Min.
Max.
Units
VRGM
Peak reverse gate voltage
This value may be exceeded during turn-off
-
16
V
IFGM
Peak forward gate current
20
100
A
PFG(AV)
Average forward gate power
-
15
W
PRGM
Peak reverse gate power
-
19
kW
diGQ/dt
Rate of rise of reverse gate current
30
60
A/µs
tON(min)
Minimum permissible on time
50
-
µs
tOFF(min)
Minimum permissible off time
100
-
µs
THERMAL AND MECHANICAL RATINGS
Symbol
Parameter
Test Conditions
Min.
Max.
Units
Double side cooled
DC
-
0.018
°C/W
Anode DC
-
0.03
°C/W
Rth(j-hs)
Thermal resistance – junction to
heatsink surface
Single side cooled
Cathode DC
-
0.045
°C/W
Rth(c-hs)
Contact thermal resistance
Clamping force 20.0kN
With mounting compound
Per contact
-
0.006
°C/W
Tvj
Virtual junction temperature
On-state (conducting)
-
125
°C
TOP/Tstg
Operating junction/storage
temperature range
-40
125
°C
Fm
Clamping force
18.0
22.0
kN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com