Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP467 Datasheet(PDF) 13 Page - Analog Devices

Part # OP467
Description  Quad Precision, High Speed Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP467 Datasheet HTML 8Page - Analog Devices OP467 Datasheet HTML 9Page - Analog Devices OP467 Datasheet HTML 10Page - Analog Devices OP467 Datasheet HTML 11Page - Analog Devices OP467 Datasheet HTML 12Page - Analog Devices OP467 Datasheet HTML 13Page - Analog Devices OP467 Datasheet HTML 14Page - Analog Devices OP467 Datasheet HTML 15Page - Analog Devices OP467 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
OP467
REV. C
–13–
2.5mV
–2.5mV
0.01% 10V STEP
VS = 15V
POS SLOPE
Figure 42. Instrumentation Amplifier Settling Time to
0.01% for a 10 V Step Input (Positive Slope)
ERROR
TO
SCOPE
TO
INPUT
TO
IN-AMP
OUTPUT
2k
2k
AD9617
549
1k
61.9
+VS
–VS
+
+
–
–
Figure 43. Settling Time Measurement Circuit
2 MHz BIQUAD BANDPASS FILTER
The circuit in Figure 44 is commonly used in medical imaging
ultrasound receivers. The 30 MHz bandwidth is sufficient to
accurately produce the 2 MHz center frequency, as the mea-
sured response shows in Figure 45. When the op amp’s band-
width is too close to the filter’s center frequency, the amplifier’s
internal phase shift causes excess phase shift at 2 MHz, which
alters the filter’s response. In fact, if the chosen op amp has a
bandwidth close to 2 MHz, the combined phase shift of the
three op amps will cause the loop to oscillate.
Careful consideration must be given to the layout of this circuit
as with any other high speed circuit.
If the phase shift introduced by the layout is large enough, it
could alter the circuit performance, or worse, it will oscillate.
2k
R1
3k
VIN
R3
2k
R2
2k
R4
2k
R5
2k
C2
50pF
C1
50pF
R6
1k
VOUT
+
–
+
–
+
–
+
–
1/4
OP467
1/4
OP467
1/4
OP467
1/4
OP467
Figure 44. 2 MHz Biquad Filter
–20
100k
100M
10M
1M
10k
–10
0
–40
–30
FREQUENCY – Hz
Figure 45. Biquad Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com