Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP495GS Datasheet(PDF) 8 Page - Analog Devices

Part # OP495GS
Description  DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP495GS Datasheet(HTML) 8 Page - Analog Devices

Back Button OP495GS Datasheet HTML 4Page - Analog Devices OP495GS Datasheet HTML 5Page - Analog Devices OP495GS Datasheet HTML 6Page - Analog Devices OP495GS Datasheet HTML 7Page - Analog Devices OP495GS Datasheet HTML 8Page - Analog Devices OP495GS Datasheet HTML 9Page - Analog Devices OP495GS Datasheet HTML 10Page - Analog Devices OP495GS Datasheet HTML 11Page - Analog Devices OP495GS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. B
–8–
OP295/OP495
Table I. Single Supply Low Noise Preamp Performance
IC = 1.85 mA
IC = 0.5 mA
R1
270
Ω
1.0 k
Ω
R3, R4
200
Ω
910
Ω
en @ 100 Hz
3.15 nV/
√Hz
8.6 nV/
√Hz
en @ 10 Hz
4.2 nV/
√Hz
10.2 nV/
√Hz
ISY
4.0 mA
1.3 mA
IB
11
µA3 µA
Bandwidth
1 kHz
1 kHz
Closed-Loop Gain
1000
1000
Driving Heavy Loads
The OP295/OP495 is well suited to drive loads by using a
power transistor, Darlington or FET to increase the current to
the load. The ability to swing to either rail can assure that the
device is turned on hard. This results in more power to the load
and an increase in efficiency over using standard op amps with
their limited output swing. Driving power FETs is also possible
with the OP295/OP495 because of its ability to drive capacitive
loads of several hundred picofarads without oscillating.
Without the addition of external transistors the OP295/OP495
can drive loads in excess of
± 15 mA with ± 15 or +30 volt
supplies. This drive capability is somewhat decreased at lower
supply voltages. At
±5 volt supplies the drive current is ±11 mA.
Driving motors or actuators in two directions in a single supply
application is often accomplished using an “H” bridge. The
principle is demonstrated in Figure 3a. From a single +5 volt
supply this driver is capable of driving loads from 0.8 V to 4.2 V
in both directions. Figure 3b shows the voltages at the inverting
and noninverting outputs of the driver. There is a small crossover
glitch that is frequency dependent and would not cause problems
5k
10k
1.67V
10k
10k
2N2222
2N2222
OUTPUTS
2N2907
2N2907
+5V
0
≤ V
IN ≤ 2.5V
Figure 3a. “H” Bridge
10
90
100
0%
2V
2V
1ms
Figure 3b. “H” Bridge Outputs
unless this was a low distortion application such as audio. If this
is used to drive inductive loads, be sure to add diode clamps to
protect the bridge from inductive kickback.
Direct Access Arrangement
OP295/OP495 can be used in a single supply Direct Access Ar-
rangement (DAA) as is shown an in Figure 4. This figure shows
a portion of a typical DM capable of operating from a single
+5 volt supply and it may also work on +3 volt supplies with
minor modifications. Amplifiers A2 and A3 are configured so
that the transmit signal TXA is inverted by A2 and is not in-
verted by A3. This arrangement drives the transformer differen-
tially so that the drive to the transformer is effectively doubled
over a single amplifier arrangement. This application takes ad-
vantage of the OP295/OP495’s ability to drive capacitive loads,
and to save power in single supply applications.
2.5V REF
A3
20k
Ω
20k
Ω
750pF
20k
Ω
22.1k
Ω
0.1
µF
475
Ω
3.3k
Ω
0.0047
µF
0.1
µF
0.033
µF
A2
A1
20k
Ω
20k
Ω
37.4k
Ω
390pF
RXA
TXA
OP295/
OP495
OP295/
OP495
OP295/
OP495
1:1
Figure 4. Direct Access Arrangement
A Single Supply Instrumentation Amplifier
The OP295/OP495 can be configured as a single supply instru-
mentation amplifier as in Figure 5. For our example, VREF is set
equal to
V
+
2
and VO is measured with respect to VREF. The in-
put common-mode voltage range includes ground and the out-
put swings to both rails.
V+
V
IN
V
REF
1
R1
100k
R2
20k
R3
20k
R4
100k
V
O
V
IN + VREF
V
O =
5 +
200k
R
G
(
)
R
G
3
2
8
7
4
5
6
1/2
OP295/
OP495
1/2
OP295/
OP495
Figure 5. Single Supply Instrumentation Amplifier
Resistor RG sets the gain of the instrumentation amplifier. Mini-
mum gain is 6 (with no RG). All resistors should be matched in
absolute value as well as temperature coefficient to maximize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com