Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP37GS Datasheet(PDF) 8 Page - Analog Devices

Part # OP37GS
Description  Low Noise, Precision, High Speed Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37GS Datasheet(HTML) 8 Page - Analog Devices

Back Button OP37GS Datasheet HTML 4Page - Analog Devices OP37GS Datasheet HTML 5Page - Analog Devices OP37GS Datasheet HTML 6Page - Analog Devices OP37GS Datasheet HTML 7Page - Analog Devices OP37GS Datasheet HTML 8Page - Analog Devices OP37GS Datasheet HTML 9Page - Analog Devices OP37GS Datasheet HTML 10Page - Analog Devices OP37GS Datasheet HTML 11Page - Analog Devices OP37GS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
OP37
–8–
TEMPERATURE – C
60
–75
40
20
0
–20
–40
–60
–50 –25
0
25
50
75 100 125 150 175
50
10
–30
–70
30
–10
–50
TRIMMING WITH
10k
POT DOES
NOT CHANGE
TCVOS
OP37C
OP37B
OP37A
OP37B
OP37A
OP37A
OP37B
OP37C
TPC 10. Offset Voltage Drift of Eight
Representative Units vs. Temperature
TIME – Seconds
30
–20
5
0
020
40
60
80
100
25
20
15
10
TA =
25 C
TA = 70 C
DEVICE IMMERSED
IN 70 C OIL BATH
THERMAL SHOCK
RESPONSE BAND
VS = +15V
TPC 13. Offset Voltage Change Due
to Thermal Shock
FREQUENCY – Hz
140
1
TA = 25 C
VS = 15V
RL
2k
120
100
80
60
40
20
0
10
102
103
104
105
106
107
108
TPC 16. Open-Loop Gain vs. Frequency
TIME – MONTHS
6
0
2
–2
–6
4
0
–2
–6
1
234
5
6
7
4
0
–4
6
2
–4
TPC 11. Long-Term Offset Voltage
Drift of Six Representative Units
TEMPERATURE – C
–50
40
20
0
–25
0
25
50
75
100 125 150
50
30
10
VS = +15V
OP37A
OP37B
OP37C
TPC 14. Input Bias Current vs. Temperature
TEMPERATURE – C
–50
70
30
10
–25
0
25
50
75
100
125
80
60
20
VS = 15V
SLEW
M
65
25
75
55
15
90
85
80
75
70
65
60
55
50
45
40
GBW
TPC 17. Slew Rate, Gain Bandwidth
Product, Phase Margin vs. Temperature
TIME AFTER POWER ON – MINUTES
10
1
01
4
23
5
TA = 25 C
VS = 15V
5
OP37C/G
OP37F
OP37A/E
TPC 12. Warm Up Offset Voltage Drift
TEMPERATURE – C
–75
50
0
–50
–25
0
25
50
75
100
125
VS = 15V
40
30
20
10
OP37A
OP37B
OP37C
TPC 15. Input Offset Current vs.
Temperature
FREQUENCY – Hz
60
100k
1M
10M
100M
50
40
30
20
10
0
–10
TA = 25 C
VS = 15V
AV = 5
–80
–100
–120
–140
–160
–180
–200
–220
PHASE
MARGIN
= 71
TPC 18. Gain, Phase Shift vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com