Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP471EY Datasheet(PDF) 1 Page - Analog Devices

Part # OP471EY
Description  High Speed, Low Noise Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP471EY Datasheet(HTML) 1 Page - Analog Devices

  OP471EY Datasheet HTML 1Page - Analog Devices OP471EY Datasheet HTML 2Page - Analog Devices OP471EY Datasheet HTML 3Page - Analog Devices OP471EY Datasheet HTML 4Page - Analog Devices OP471EY Datasheet HTML 5Page - Analog Devices OP471EY Datasheet HTML 6Page - Analog Devices OP471EY Datasheet HTML 7Page - Analog Devices OP471EY Datasheet HTML 8Page - Analog Devices OP471EY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP471
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
14-Lead
Hermetic Dip
(Y-Suffix)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OP471
16-Lead SOIC
(S-Suffix)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC = NO CONNECT
OUT A
OUT D
OP471
–IN A
–IN D
+IN A
+IN D
V+
V–
+IN B
+IN C
–IN B
–IN C
OUT B
OUT C
NC
NC
High Speed, Low Noise Quad
Operational Amplifier
–IN
+IN
BIAS
V–
V+
OUT
Figure 1. Simplified Schematic
FEATURES
Excellent Speed: 8 V/ s Typ
Low Noise: 11 nV/
÷Hz @ 1 kHz Max
Unity-Gain Stable
High Gain Bandwidth: 6.5 MHz Typ
Low Input Offset Voltage: 0.8 mV Max
Low Offset Voltage Drift: 4
V/ C Max
High Gain: 500 V/mV Min
Outstanding CMR: 105 dB Min
Industry Standard Quad Pinouts
GENERAL DESCRIPTION
The OP471 is a monolithic quad op amp featuring low noise,
11 nV/
÷Hz Max @ 1 kHz, excellent speed, 8 V/ms typical, a
gain bandwidth of 6.5 MHz, and unity-gain stability.
The OP471 has an input offset voltage under 0.8 mV and an
input offset voltage drift below 4
mV/∞C, guaranteed over the full
military temperature range. Open-loop gain of the OP471 is over
500,000 into a 10 k
W load ensuring outstanding gain accuracy
and linearity. The input bias current is under 25 nA limiting
errors due to signal source resistance. The OP471’s CMR of
over 105 dB and PSRR of under 5.6
mV/V significantly reduce
errors caused by ground noise and power supply fluctuations.
The OP471 offers excellent amplifier matching which is important
for applications such as multiple gain blocks, low-noise instru-
mentation amplifiers, quad buffers and low-noise active filters.
The OP471 conforms to the industry standard 14-lead DIP
pinout. It is pin-compatible with the LM148/LM149, HA4741,
RM4156, MC33074, TL084 and TL074 quad op amps and can
be used to upgrade systems using these devices.
For applications requiring even lower voltage noise the OP470
with a voltage density of 5 nV/
÷Hz Max @ 1 kHz is recommended.
PIN CONFIGURATIONS
14-Lead
Plastic Dip
(P-Suffix)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OP471


Similar Part No. - OP471EY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP471 AD-OP471 Datasheet
334Kb / 17P
High Speed, Low Noise Quad Operational Amplifier
23-Feb-2017
OP471 AD-OP471_15 Datasheet
309Kb / 16P
High Speed, Low Noise Quad Operational Amplifier
REV. A
OP471 AD-OP471_17 Datasheet
334Kb / 17P
High Speed, Low Noise Quad Operational Amplifier
23-Feb-2017
More results

Similar Description - OP471EY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
Low Noise Quad Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5104 INTERSIL-HA-5104 Datasheet
34Kb / 5P
Low Noise, High Performance, Quad Operational Amplifier
July 1994
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
Ultra Low-Noise High-Speed Operational Amplifier
Rev. 2
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
Low Noise, High Performance, Quad Operational Amplifier
April 2002
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
Low noise quad operational amplifier
13-Mar-2008
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
Ultra-Low Noise, High Speed Operational Amplifier
logo
Analog Devices
OP471 AD-OP471_15 Datasheet
309Kb / 16P
High Speed, Low Noise Quad Operational Amplifier
REV. A
logo
Linear Technology
LT1226 LINER-LT1226_15 Datasheet
220Kb / 8P
Low Noise Very High Speed Operational Amplifier
logo
Analog Devices
OP471 AD-OP471_17 Datasheet
334Kb / 17P
High Speed, Low Noise Quad Operational Amplifier
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com