Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6006 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6006
Description  Shorting SMA Male Dust Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6006 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6006 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Shorting SMA Male Dust Cap
Configuration
Connector
SMA Male Shorting
Connector Specification
MIL-STD-348A
Chain Option
No Chain
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.335 [8.51]
Width, in [mm]
0.315 [8]
.
Connector
Type
SMA Male Shorting
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Gold
Body Plating Specification
30µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Shorting SMA Male Dust Cap from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Shorting SMA Male Dust Cap PE6006
URL: http://www.pasternack.com/50-ohm-sma-male-short-cap-pe6006-p.aspx
PE6006
PE6006 REV
Shorting SMA Male Dust Cap


Similar Part No. - PE6006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6000-50 PASTERNACK-PE6000-50 Datasheet
76Kb / 1P
BNC MALE RESISTOR TERMINATION
PE6000-75 PASTERNACK-PE6000-75 Datasheet
76Kb / 1P
BNC MALE RESISTOR TERMINATION
PE6000-93 PASTERNACK-PE6000-93 Datasheet
77Kb / 1P
BNC MALE RESISTOR TERMINATION
PE6001-50 PASTERNACK-PE6001-50 Datasheet
76Kb / 1P
N MALE RESISTOR TERMINATION
PE6001-93 PASTERNACK-PE6001-93 Datasheet
76Kb / 1P
N MALE RESISTOR TERMINATION
More results

Similar Description - PE6006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6012 PASTERNACK-PE6012 Datasheet
459Kb / 2P
Shorting BNC Male Dust Cap
PE6015 PASTERNACK-PE6015 Datasheet
77Kb / 1P
Shorting N Male Dust Cap
PE6022 PASTERNACK-PE6022 Datasheet
234Kb / 2P
Shorting N Male Dust Cap
PE6007 PASTERNACK-PE6007 Datasheet
236Kb / 2P
Shorting Dust Cap for SMA Female
PE6024 PASTERNACK-PE6024 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SMA Male
PE6192 PASTERNACK-PE6192 Datasheet
192Kb / 2P
2.4mm Male Shorting Dust Cap
PE6120 PASTERNACK-PE6120_16 Datasheet
413Kb / 3P
SMA Female Non-Shorting Dust Cap
PE6131 PASTERNACK-PE6131_16 Datasheet
417Kb / 3P
SMA Male Shorting Dust Cap With 2.5 Inch Chain
PE6133 PASTERNACK-PE6133_16 Datasheet
414Kb / 3P
TNC Male Shorting Dust Cap
PE6192 PASTERNACK-PE6192_16 Datasheet
412Kb / 3P
2.4mm Male Shorting Dust Cap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com