Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6134 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6134
Description  Shorting TNC Male With 4 Inch Chain Dust Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6134 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6134 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6134 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Shorting TNC Male With 4 Inch Chain Dust Cap
Shorting TNC Male With 4 Inch Chain Dust Cap
Configuration
Connector
TNC Male Shorting
Connector Specification
MIL-C-39012
Chain Option
4 In. Chain
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.62 [15.75]
Width, in [mm]
0.59 [15]
.
Connector
Type
TNC Male Shorting
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Shorting TNC Male With 4 Inch Chain Dust Cap from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Shorting TNC Male With 4 Inch Chain Dust Cap PE6134
URL: http://www.pasternack.com/50-ohm-tnc-male-short-cap-with-4-inch-chain-pe6134-p.aspx
PE6134
PE6134 REV


Similar Part No. - PE6134

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6134 PASTERNACK-PE6134 Datasheet
417Kb / 3P
TNC Male Shorting Dust Cap With 4 Inch Chain
PE6134 PASTERNACK-PE6134_16 Datasheet
417Kb / 3P
TNC Male Shorting Dust Cap With 4 Inch Chain
More results

Similar Description - PE6134

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6127 PASTERNACK-PE6127 Datasheet
235Kb / 2P
Shorting BNC Male With 4 Inch Chain Dust Cap
PE6023 PASTERNACK-PE6023 Datasheet
241Kb / 2P
Non-Shorting Dust Cap for TNC Male With 2.7 Inch Chain
PE6194 PASTERNACK-PE6194 Datasheet
195Kb / 2P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6059 PASTERNACK-PE6059_16 Datasheet
417Kb / 3P
HN Male Non-Shorting Dust Cap With 4 Inch Chain
PE6117 PASTERNACK-PE6117_16 Datasheet
418Kb / 3P
SC Male Non-Shorting Dust Cap With 4 Inch Chain
PE6127 PASTERNACK-PE6127_16 Datasheet
417Kb / 3P
BNC Male Shorting Dust Cap With 4 Inch Chain
PE6129 PASTERNACK-PE6129_16 Datasheet
417Kb / 3P
N Male Shorting Dust Cap With 4 Inch Chain
PE6131 PASTERNACK-PE6131_16 Datasheet
417Kb / 3P
SMA Male Shorting Dust Cap With 2.5 Inch Chain
PE6134 PASTERNACK-PE6134_16 Datasheet
417Kb / 3P
TNC Male Shorting Dust Cap With 4 Inch Chain
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
TNC Female Shorting Dust Cap With 4 Inch Chain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com