Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F102xB Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32F102xB
Description  Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102xB Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32F102xB Datasheet HTML 45Page - STMicroelectronics STM32F102xB Datasheet HTML 46Page - STMicroelectronics STM32F102xB Datasheet HTML 47Page - STMicroelectronics STM32F102xB Datasheet HTML 48Page - STMicroelectronics STM32F102xB Datasheet HTML 49Page - STMicroelectronics STM32F102xB Datasheet HTML 50Page - STMicroelectronics STM32F102xB Datasheet HTML 51Page - STMicroelectronics STM32F102xB Datasheet HTML 52Page - STMicroelectronics STM32F102xB Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
STM32F102x8, STM32F102xB
Electrical characteristics
Doc ID 15056 Rev 4
49/76
All I/Os are CMOS and TTL compliant (no software configuration required), their
characteristics are covering more than strict CMOS-technology or TTL parameters. The
coverage of these requirements is shown in Figure 20 and Figure 21 for standard I/Os and
in Figure 22 and Figure 23 for 5V tolerant I/Os.
Figure 20.
Standard I/O input characteristics - CMOS port
Vhys
Standard I/O Schmitt trigger
voltage hysteresis(2)
200
-
-
mV
I/O FT Schmitt trigger voltage
hysteresis(2)
5% VDD
(3)
--
mV
Ilkg
Input leakage current(4)
VSS VIN VDD
Standard I/Os
--
±1
µA
VIN = 5 V, I/O FT
-
-
3
RPU
Weak pull-up equivalent resistor(5)
VIN = VSS
30
40
50
k
Ω
RPD
Weak pull-down equivalent
resistor(5)
VIN = VDD
30
40
50
k
Ω
CIO
I/O pin capacitance
-
5
-
pF
1.
FT = Five-volt tolerant. In order to sustain a voltage higher than VDD+0.3 V, the internal pull-up/pull-down resistors must be
disabled.
2.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested in production.
3.
With a minimum of 100 mV.
4.
Leakage could be higher than max. if negative current is injected on adjacent pins.
5.
Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimum (~10% order).
Table 34.
I/O static characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ai17277b
VDD (V)
1.3
0.8
2
3.6
Input range
not guaranteed
1.59
1
2.7
VIH=0.41(VDD
-2)+1.3
3
0.7
CMOS
standard
requirement
VIH=0.65V
DD
3.3
VIH/VIL (V)
CMOS standard
requirement
VIL=0.35VDD
ILmax
IHmin
V
DD
-2)+0.8
=0.28(V
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com