Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP497CY Datasheet(PDF) 1 Page - Analog Devices

Part # OP497CY
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497CY Datasheet(HTML) 1 Page - Analog Devices

  OP497CY Datasheet HTML 1Page - Analog Devices OP497CY Datasheet HTML 2Page - Analog Devices OP497CY Datasheet HTML 3Page - Analog Devices OP497CY Datasheet HTML 4Page - Analog Devices OP497CY Datasheet HTML 5Page - Analog Devices OP497CY Datasheet HTML 6Page - Analog Devices OP497CY Datasheet HTML 7Page - Analog Devices OP497CY Datasheet HTML 8Page - Analog Devices OP497CY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP497
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Precision Picoampere Input Current
Quad Operational Amplifier
FEATURES
Low Offset Voltage: 50
V max
Low Offset Voltage Drift: 0.5
V/ C max
Very Low Bias Current
25 C: 100 pA max
–55 C to +125 C: 450 pA max
Very High Open-Loop Gain: 2000 V/mV min
Low Supply Current (per Amplifier): 625
A max
Operates from
2 V to
20 V Supplies
High Common-Mode Rejection: 120 dB min
APPLICATIONS
Strain Gage and Bridge Amplifiers
High Stability Thermocouple Amplifiers
Instrumentation Amplifiers
Photo-Current Monitors
High Gain Linearity Amplifiers
Long-Term Integrators/Filters
Sample-and-Hold Amplifiers
Peak Detectors
Logarithmic Amplifiers
Battery-Powered Systems
GENERAL DESCRIPTION
The OP497 is a quad op amp with precision performance in the
space-saving, industry standard 16-lead SOlC package. Its com-
bination of exceptional precision with low power and extremely
low input bias current makes the quad OP497 useful in a wide
variety of applications.
Precision performance of the OP497 includes very low offset,
under 50
µV, and low drift, below 0.5 µV/°C. Open-loop gain
exceeds 2000 V/mV ensuring high linearity in every application.
Errors due to common-mode signals are eliminated by the OP497’s
common-mode rejection of over 120 dB. The OP497’s power
supply rejection of over 120 dB minimizes offset voltage changes
experienced in battery-powered systems. Supply current of the
OP497 is under 625
µA per amplifier, and it can operate with
supply voltages as low as
±2 V.
The OP497 utilizes a superbeta input stage with bias current can-
cellation to maintain picoamp bias currents at all temperatures.
This is in contrast to FET input op amps whose bias currents start
in the picoamp range at 25
°C, but double for every 10°C rise in
temperature, to reach the nanoamp range above 85
°C. Input bias
current of the OP497 is under 100 pA at 25
°C and is under 450
pA over the military temperature range.
Combining precision, low power, and low bias current, the
OP497 is ideal for a number of applications, including instru-
mentation amplifiers, log amplifiers, photo-diode preamplifiers,
and long-term integrators. For a single device, see the OP97; for a
dual device, see the OP297.
PIN CONNECTIONS
16-Lead Wide Body SOIC
(S-Suffix)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
–
+
NC = NO CONNECT
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
NC
–
+
OP497
14-Lead Plastic Dip
(P-Suffix)
14-Lead Ceramic Dip
(Y-Suffix)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
–
+
–
+
OP497
VS =
15V
VCM = 0V
1000
100
10
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE – C
–IB
+IB
IOS
Input Bias, Offset Current vs. Temperature


Similar Part No. - OP497CY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP497 AD-OP497 Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP497 AD-OP497 Datasheet
283Kb / 17P
Precision Picoampere Input Current Quad Operational Amplifier
2/09-Rev. D to Rev. E
OP497 AD-OP497 Datasheet
596Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
Rev. D
OP497FP AD-OP497FP Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP497FP AD-OP497FP Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
More results

Similar Description - OP497CY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD704 AD-AD704 Datasheet
397Kb / 8P
Quad Picoampere Input Current Bipolar Op Amp
REV.A
OP-497 AD-OP-497 Datasheet
524Kb / 12P
PRECISION PICOAMPERE INPUT CURRENT QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OP-08 ETC1-OP-08 Datasheet
351Kb / 7P
PRECISION LOW-INPUT-CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP497GSZ AD-OP497GSZ Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
5962-9452101M2A AD-5962-9452101M2A Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
AD704 AD-AD704_15 Datasheet
267Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
OP497 AD-OP497_15 Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP12 AD-OP12 Datasheet
147Kb / 4P
Precision Low-Input Current Operational Amplifier
OP497 AD-OP497_17 Datasheet
283Kb / 17P
Precision Picoampere Input Current Quad Operational Amplifier
2/09-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com