Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP90 Datasheet(PDF) 2 Page - Analog Devices

Part # OP90
Description  Precision Low-Voltage Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP90 Datasheet(HTML) 2 Page - Analog Devices

  OP90 Datasheet HTML 1Page - Analog Devices OP90 Datasheet HTML 2Page - Analog Devices OP90 Datasheet HTML 3Page - Analog Devices OP90 Datasheet HTML 4Page - Analog Devices OP90 Datasheet HTML 5Page - Analog Devices OP90 Datasheet HTML 6Page - Analog Devices OP90 Datasheet HTML 7Page - Analog Devices OP90 Datasheet HTML 8Page - Analog Devices OP90 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
OP90
(VS =
1.5 V to
15 V, TA = 25 C, unless otherwise noted.)
OP90A/E
OP90G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max Unit
INPUT OFFSET VOLTAGE
VOS
50
150
125
450
µV
INPUT OFFSET CURRENT
IOS
VCM = 0 V
0.4
3
0.4
5
nA
INPUT BIAS CURRENT
IB
VCM = 0 V
4.0
15
4.0
25
nA
LARGE-SIGNAL
VS =
±15 V, VO = ±10 V
VOLTAGE GAIN
AVO
RL = 100 k
Ω
700
1200
400
800
V/mV
AVO
RL= 10 k
Ω
350
600
200
400
V/mV
AVO
RL = 2 k
Ω
125
250
100
200
V/mV
V+ = 5 V, V– = 0 V,
1 V < VO < 4 V
AVO
RL = 100 k
Ω
200
400
100
250
V/mV
AVO
RL = 10 k
Ω
100
180
70
140
V/mV
INPUT VOLTAGE RANGE
1
IVR
V+ = 5 V, V– = 0 V
0/4
0/4
V
VS =
±15 V
–15/13.5
–15/13.5
V
OUTPUT VOLTAGE SWING
VO
VS =
±15 V
RL = 10 k
Ω±14
±14.2
±14
±14.2
V
RL = 2 k
Ω±11
±12
±11
±12
V
VOH
V+ = 5 V, V– = 0 V
RL = 2 k
Ω
4.0
4.2
4.0
4.2
V
VOL
V+ = 5 V, V– = 0 V
RL = 10 k
Ω
100
500
100
500
µV
COMMON-MODE
CMR
V+ = 5 V, V– = 0 V,
REJECTION
0 V < VCM < 4 V
90
110
80
100
dB
CMR
VS =
±15 V,
–15 V < VCM < 13.5 V
100
130
90
120
dB
POWER SUPPLY
REJECTION RATIO
PSRR
1.0
5.6
3.2
10
µV/V
SLEW RATE
SR
VS =
±15 V
5
12
5
12
V/ms
SUPPLY CURRENT
ISY
VS =
±1.5 V
9
15
9
15
µA
ISY
VS =
±15 V
14
20
14
20
µA
CAPACITIVE LOAD
AV = 1
STABILITY
2
No Oscillations
250
650
250
650
pF
INPUT NOISE VOLTAGE
en p-p
fO = 0.1 Hz to 10 Hz
VS =
±15 V
3
3
µV p-p
INPUT RESISTANCE
DIFFERENTIAL MODE
RIN
VS =
±15 V
30
30
M
Ω
INPUT RESISTANCE
COMMON-MODE
RINCM
VS =
±15 V
20
20
G
Ω
NOTES
1Guaranteed by CMR test.
2Guaranteed but not 100% tested.
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com