Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP90EZ Datasheet(PDF) 4 Page - Analog Devices

Part # OP90EZ
Description  Precision Low-Voltage Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP90EZ Datasheet(HTML) 4 Page - Analog Devices

  OP90EZ Datasheet HTML 1Page - Analog Devices OP90EZ Datasheet HTML 2Page - Analog Devices OP90EZ Datasheet HTML 3Page - Analog Devices OP90EZ Datasheet HTML 4Page - Analog Devices OP90EZ Datasheet HTML 5Page - Analog Devices OP90EZ Datasheet HTML 6Page - Analog Devices OP90EZ Datasheet HTML 7Page - Analog Devices OP90EZ Datasheet HTML 8Page - Analog Devices OP90EZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
–4–
OP90
OP9OE
OP9OG
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
70
270
180
675
µV
AVERAGE INPUT OFFSET
VOLTAGE DRIFT
TCVOS
0.3
2
1.2
5
µV/°C
INPUT OFFSET CURRENT
IOS
VCM = 0 V
0.8
3
1.3
7
nA
INPUT BIAS CURRENT
IB
VCM = 0 V
4.0
15
4.0
25
nA
LARGE-SIGNAL
AVO
VS =
±15 V, VO = ±10 V
VOLTAGE GAIN
RL = 100 k
Ω
500
800
300
600
V/mV
RL = 10 k
Ω
250
400
150
250
V/mV
RL = 2 k
Ω
100
200
75
125
V/mV
AVO
V+ = 5 V, V– = 0 V,
1 V < VO < 4 V
RL = 100 k
Ω
150
280
80
160
V/mV
RL = 10 k
Ω
75
140
40
90
V/mV
INPUT VOLTAGE RANGE
*
IVR
V+ = 5 V, V– = 0 V
0/3.5
0/3.5
V
VS =
±15 V
–15/13.5
–15/13.5
V
OUTPUT VOLTAGE SWING
VO
VS =
±15 V
RL = 10 k
Ω±13.5
±14
±13.5
±14
V
RL = 2 k
Ω±10.5
±11.8
±10.5
±11.8
V
VOH
V+ = 5 V, V– = 0 V
RL = 2 k
Ω
3.9
4.1
3.9
4.1
V
VOL
V+ = 5 V, V– = 0 V
RL = 10 k
Ω
100
500
100
500
µV
COMMON-MODE
CMR
V+ = 5 V, V– = 0 V,
REJECTION
0 V < VCM < 3.5 V
80
100
80
100
dB
VS =
±15 V,
–15 V < VCM < 13.5 V
100
120
90
110
dB
POWER SUPPLY
REJECTION RATIO
PSRR
10
5.6
5.6
17.8
µV/V
SUPPLY CURRENT
ISY
VS =
±1.5 V
13
25
12
25
µA
VS =
±15 V
17
30
16
30
µA
NOTE
*Guaranteed by CMR test.
ELECTRICAL CHARACTERISTICS
(VS =
1.5 V to
15 V, –25 C
TA
+85 C for OP90E/F, –40 C
TA
+85 C for
OP90G, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com